Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1282 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1282
Description  3V 140ksps 12-Bit Sampling A/D Converter with Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1282 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1282_15 Datasheet HTML 4Page - Linear Technology LTC1282_15 Datasheet HTML 5Page - Linear Technology LTC1282_15 Datasheet HTML 6Page - Linear Technology LTC1282_15 Datasheet HTML 7Page - Linear Technology LTC1282_15 Datasheet HTML 8Page - Linear Technology LTC1282_15 Datasheet HTML 9Page - Linear Technology LTC1282_15 Datasheet HTML 10Page - Linear Technology LTC1282_15 Datasheet HTML 11Page - Linear Technology LTC1282_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1282
Change in Offset Voltage
vs Supply Voltage
Change in Gain Error
vs Supply Voltage
Change in Integral Nonlinearity
(INL) vs Supply Current
Change in Differential Nonlinearity
(DNL) vs Supply Current
SUPPLY VOLTAGE (V)
2
0
0.1
0.2
0.3
0.4
0.5
2.5
3
3.5
4
LTC1282 • TPC21
4.5
5
fSAMPLE = 140kHz
SUPPLY VOLTAGE (V)
2
0
0.1
0.2
0.3
0.4
0.5
2.5
3
3.5
4
LTC1282 • TPC22
4.5
5
fSAMPLE = 140kHz
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
SUPPLY VOLTAGE (V)
2
0
0.2
0.3
0.4
0.5
0.6
0.7
2.5
3
3.5
4
LTC1282 • TPC19
4.5
0.8
0.9
1
0.1
5
fSAMPLE = 140kHz
SUPPLY VOLTAGE (V)
2
0
1
2
3
4
5
2.5
3
3.5
4
LTC1282 • TPC20
4.5
5
fSAMPLE = 140kHz


Similar Part No. - LTC1282_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1282AC LINER-LTC1282AC Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
LTC1282ACN LINER-LTC1282ACN Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
LTC1282ACSW LINER-LTC1282ACSW Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
LTC1282BC LINER-LTC1282BC Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
LTC1282BCN LINER-LTC1282BCN Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results

Similar Description - LTC1282_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1275 LINER-LTC1275_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273 Datasheet
451Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1276 LINER-LTC1276_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com