Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4000 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # R4000
Description  High Voltage General Purpose Plastic Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

R4000 Datasheet(HTML) 6 Page - Leshan Radio Company

  R4000_15 Datasheet HTML 1Page - Leshan Radio Company R4000_15 Datasheet HTML 2Page - Leshan Radio Company R4000_15 Datasheet HTML 3Page - Leshan Radio Company R4000_15 Datasheet HTML 4Page - Leshan Radio Company R4000_15 Datasheet HTML 5Page - Leshan Radio Company R4000_15 Datasheet HTML 6Page - Leshan Radio Company R4000_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A.包装盒尺寸/Box Dimension
( DO-41&DO-15 )
Item
Symbol
Dimension
H
L
200±2
W
84±2
H
21±2
L
( DO-201AD )
H
Item
Symbol
Dimension
L
200±2
W
84±2
L
H
29±2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
465±2
C
W
225±2
H
260±4
B
A
按以上包装方式:(As per the above spec)
DO-15
0.5K
25K
3. 散装/Bulk Packing
Q'ty/Taping
1K
0.3K
Q'ty/Packing Case
50K
12K
外型/Outside
DO-41&A-405&R-1
DO-201AD
W
Box's
Size
W
Case's
Size
Box's
Size
LESHAN RADIO COMPANY, LTD.


Similar Part No. - R4000_15

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
R4000 DACHANG-R4000_15 Datasheet
116Kb / 2P
   High Voltage Rectifier
More results

Similar Description - R4000_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
R2000 LRC-R2000_15 Datasheet
427Kb / 7P
   High Voltage General Purpose Plastic Rectifiers
R5000 LRC-R5000_15 Datasheet
534Kb / 7P
   High Voltage General Purpose Plastic Rectifiers
R2500 LRC-R2500 Datasheet
534Kb / 7P
   High Voltage General Purpose Plastic Rectifiers Low leakage
logo
SEMTECH ELECTRONICS LTD...
10A05 SEMTECH_ELEC-10A05 Datasheet
81Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
GOOD-ARK Electronics
P300A GOOD-ARK-P300A Datasheet
191Kb / 2P
   General Purpose Plastic Rectifiers
logo
SEMTECH ELECTRONICS LTD...
RL201 SEMTECH_ELEC-RL201 Datasheet
208Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
   GENERAL-PURPOSE PLASTIC RECTIFIERS
logo
Shanghai Leiditech Elec...
RL201 LEIDITECH-RL201 Datasheet
530Kb / 2P
   General-purpose Plastic Rectifiers
logo
Continental Device Indi...
1N5400 CDIL-1N5400 Datasheet
326Kb / 4P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Cystech Electonics Corp...
RL201 CYSTEKEC-RL201 Datasheet
202Kb / 3P
   General Purpose Plastic Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com