Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGP10G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # UGP10G
Description  Glass Passivated Junction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

UGP10G Datasheet(HTML) 1 Page - Leshan Radio Company

  UGP10G_15 Datasheet HTML 1Page - Leshan Radio Company UGP10G_15 Datasheet HTML 2Page - Leshan Radio Company UGP10G_15 Datasheet HTML 3Page - Leshan Radio Company UGP10G_15 Datasheet HTML 4Page - Leshan Radio Company UGP10G_15 Datasheet HTML 5Page - Leshan Radio Company UGP10G_15 Datasheet HTML 6Page - Leshan Radio Company UGP10G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* 1.0 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Ultrafast recovery time for high efficiency
* Typical IR less than 0.1µA
* High temperature soldering guaranteed:
350°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-41, molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 oz., 0.34 g
Handling precautin:None
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
UGP
10A
UGP
10B
UGP
10D
UGP
10F
UGP
10G
UGP
10J
UGP
10K
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800
V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°
C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
UGP
10A
UGP
10B
UGP
10D
UGP
10F
UGP
10G
UGP
10J
UGP
10K
Unit
Maximum instantaneous forward voltage at 1.0A
VF
1.7
2.2
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 125°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
–50 to +150
55
15
1.25
35
5.0
100
0.95
UGP10A thru UGP10K
1.0
30
100
Reverse Voltage 50 to 800V
Forward Current 1.0A
Glass Passivated Junction
Uitra Fast Rectifiers
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
1/3


Similar Part No. - UGP10G_15

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP10G ZOWIE-UGP10G Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP10G BILIN-UGP10G Datasheet
61Kb / 2P
   SUPER FAST RECTIFIER
logo
TAITRON Components Inco...
UGP10G TAITRON-UGP10G Datasheet
147Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
logo
Shenzhen Luguang Electr...
UGP10G LUGUANG-UGP10G Datasheet
184Kb / 2P
   Super Fast Rectifiers
logo
Leshan Radio Company
UGP10G LRC-UGP10G Datasheet
183Kb / 7P
   Glass Passivated Junction Uitra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current 1.0A
More results

Similar Description - UGP10G_15

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com