Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER202 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # HER202
Description  2.0AMPS High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER202 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  HER202 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER202 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER202 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER202 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions
Min
Max
Min
Max
A
2.60
3.60
0.102
0.142
B
0.70
0.90
0.028
0.035
C
25.40
-
1.000
-
D
5.80
7.60
0.228
0.299
E
25.40
-
1.000
-
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Version:G13
DIM.
Unit(mm)
Unit(inch)
Marking Diagram


Similar Part No. - HER202

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER202 TSC-HER202 Datasheet
190Kb / 2P
   2.0AMPS High Efficient Rectifiers
logo
Won-Top Electronics
HER202 WTE-HER202 Datasheet
49Kb / 3P
   2.0A HIGH EFFICIENCY RECTIFIER
logo
Guangdong Juxing Electr...
HER202 JUXING-HER202 Datasheet
750Kb / 2P
   Ultra Fast Rectifiers
logo
Micro Commercial Compon...
HER202 MCC-HER202 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Shanghai Shunye Electro...
HER202 SHUNYE-HER202 Datasheet
233Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER202

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
   2.0AMPS High Efficient Rectifiers
HS2A TSC-HS2A_11 Datasheet
198Kb / 2P
   2.0AMPS High Efficient Surface Mount Rectifiers
logo
Chongqing Pingwei Enter...
HS2A CHONGQING-HS2A Datasheet
178Kb / 1P
   2.0AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
RL201 CHONGQING-RL201_16 Datasheet
177Kb / 1P
   2.0AMPS . SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
SR202 TSC-SR202_13 Datasheet
258Kb / 4P
   2.0AMPS. Schottky Barrier Rectifiers High reliability
logo
Chongqing Pingwei Enter...
SS22 CHONGQING-SS22 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
BY296 CHONGQING-BY296_16 Datasheet
178Kb / 1P
   2.0AMPS . FAST RECOVERY RECTIFIERS
FR201 CHONGQING-FR201_16 Datasheet
178Kb / 1P
   2.0AMPS . FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SF21 TSC-SF21_13 Datasheet
426Kb / 4P
   2.0AMPS. Super Fast Rectifiers High reliability
logo
Chongqing Pingwei Enter...
SS24L CHONGQING-SS24L Datasheet
177Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com