Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1109A Datasheet(PDF) 7 Page - Linear Technology

Part # LT1109A
Description  Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1109A Datasheet(HTML) 7 Page - Linear Technology

  LT1109A Datasheet HTML 1Page - Linear Technology LT1109A Datasheet HTML 2Page - Linear Technology LT1109A Datasheet HTML 3Page - Linear Technology LT1109A Datasheet HTML 4Page - Linear Technology LT1109A Datasheet HTML 5Page - Linear Technology LT1109A Datasheet HTML 6Page - Linear Technology LT1109A Datasheet HTML 7Page - Linear Technology LT1109A Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1109A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTIO
Dimensions are in inches (millimeters) unless otherwise noted.
N8 Package
8-Lead Plastic DIP
1
2
3
4
0.150 – 0.157
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.010 – 0.020
(0.254 – 0.508)
0.016 – 0.050
0.406 – 1.270
× 45°
0°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0392
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
N8 0392
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
S8 Package
8-Lead Plastic SOIC


Similar Part No. - LT1109A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1109A LINER-LT1109A Datasheet
153Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1109A LINER-LT1109A Datasheet
163Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1109ACN8 LINER-LT1109ACN8 Datasheet
153Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1109ACN8-12 LINER-LT1109ACN8-12 Datasheet
153Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1109ACN8-5 LINER-LT1109ACN8-5 Datasheet
153Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1109A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1109A LINER-LT1109A_15 Datasheet
163Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1109A LINER-LT1109A_03 Datasheet
153Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com