Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S300G-11E-XX Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-S300G-11E-XX
Description  76.00mm (3.0) Single digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S300G-11E-XX Datasheet(HTML) 3 Page - BetLux Electronics

  BL-S300G-11E-XX Datasheet HTML 1Page - BetLux Electronics BL-S300G-11E-XX Datasheet HTML 2Page - BetLux Electronics BL-S300G-11E-XX Datasheet HTML 3Page - BetLux Electronics BL-S300G-11E-XX Datasheet HTML 4Page - BetLux Electronics BL-S300G-11E-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S300X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-S300G-11E-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S300A-11 BETLUX-BL-S300A-11 Datasheet
367Kb / 5P
   76.00mm (3.0) Single digit Seven Segment LED display series
BL-S300A-11B BETLUX-BL-S300A-11B Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S300A-11D-0 BETLUX-BL-S300A-11D-0 Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S300A-11D-1 BETLUX-BL-S300A-11D-1 Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S300A-11D-10 BETLUX-BL-S300A-11D-10 Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S300G-11E-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S300C-13 BETLUX-BL-S300C-13 Datasheet
335Kb / 5P
   76.00mm (3.0) Single digit numeric display series
BL-S300C-12 BETLUX-BL-S300C-12 Datasheet
343Kb / 5P
   76.00mm (3.0) Single digit numeric display series
BL-S300A-13 BETLUX-BL-S300A-13 Datasheet
157Kb / 4P
   76.00mm (3.0) Single digit numeric display series
BL-S300A-12 BETLUX-BL-S300A-12 Datasheet
153Kb / 4P
   76.00mm (3.0) Single digit numeric display series
BL-S300C-11 BETLUX-BL-S300C-11 Datasheet
343Kb / 5P
   76.00mm (3.0) Single digit numeric display series
BL-S300A-11 BETLUX-BL-S300A-11 Datasheet
367Kb / 5P
   76.00mm (3.0) Single digit Seven Segment LED display series
logo
Ningbo Foryard Optoelec...
FYS-30011AX-00 FORYARD-FYS-30011AX-00 Datasheet
434Kb / 5P
   3.00 Inch (76.00mm) digit height Single Digit Display
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com