Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1110CN8-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1110CN8-5
Description  Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1110CN8-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1110CN8-5 Datasheet HTML 7Page - Linear Technology LT1110CN8-5 Datasheet HTML 8Page - Linear Technology LT1110CN8-5 Datasheet HTML 9Page - Linear Technology LT1110CN8-5 Datasheet HTML 10Page - Linear Technology LT1110CN8-5 Datasheet HTML 11Page - Linear Technology LT1110CN8-5 Datasheet HTML 12Page - Linear Technology LT1110CN8-5 Datasheet HTML 13Page - Linear Technology LT1110CN8-5 Datasheet HTML 14Page - Linear Technology LT1110CN8-5 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1110
11
Converter” section with the following conservative ex-
pression for VSW:
VV
V
V
SW
R
SAT
=+
1
09
24
..
( )
R2 provides a current path to turn off Q1. R3 provides base
drive to Q1. R4 and R5 set output voltage.
Inverting Configurations
The LT1110 can be configured as a positive-to-negative
converter (Figure 7), or a negative-to-positive converter
(Figure 8). In Figure 7, the arrangement is very similar to
a step-down, except that the high side of the feedback is
referred to ground. This level shifts the output negative. As
in the step-down mode, D1 must be a Schottky diode,
and
VOUTshould be less than 6.2V. More negative out-
put voltages can be accommodated as in the prior section.
LT1110 • TA03
–VOUT
+
C2
+
C1
D1
1N5818
+VIN
R1
R2
L1
GND
SW2
SW1
LIM
I
IN
V
R3
FB
LT1110
Figure 7. Positive-to-Negative Converter
In Figure 8, the input is negative while the output is
positive. In this configuration, the magnitude of the input
voltage can be higher or lower than the output voltage. A
level shift, provided by the PNP transistor, supplies proper
polarity feedback information to the regulator.
dissipation inside the LT1110. Output voltage is deter-
mined by
V
R
R
mV
OUT =+

 ()
1
2
1
220
23
.(
)
R3 programs switch current limit. This is especially im-
portant in applications where the input varies over a wide
range. Without R3, the switch stays on for a fixed time
each cycle. Under certain conditions the current in L1 can
build up to excessive levels, exceeding the switch rating
and/or saturating the inductor. The 220
Ω resistor pro-
grams the switch to turn off when the current reaches
approximately 800mA. When using the LT1110 in step-
down mode, output voltage should be limited to 6.2V or
less. Higher output voltages can be accommodated by
inserting a 1N5818 diode in series with the SW2 pin
(anode connected to SW2).
Higher Current Step-Down Operation
Output current can be increased by using a discrete PNP
pass transistor as shown in Figure 6. R1 serves as a
current limit sense. When the voltage drop across R1
equals a VBE, the switch turns off. For temperature com-
pensation a Schottky diode can be inserted in series with
the ILIM pin. This also lowers the maximum drop across R1
to VBE – VD, increasing efficiency. As shown, switch
current is limited to 2A. Inductor value can be calculated
based on formulas in the “Inductor Selection Step-Down
S
APPLICATI
I FOR ATIO
Figure 6. Q1 Permits Higher-Current Switching.
LT1110 Functions as Controller.
LT1110 • TA16
D1
1N5821
+
+
VOUT
VIN
25V
MAX
L1
R1
0.3
R2
220
Q1
MJE210 OR
ZETEX ZTX789A
R3
330
R4
R5
C1
VOUT = 220mV (1 +
)
R4
R5
LT1110
GND
SW2
SW1
VIN
IL
FB
C2
Figure 8. Negative-to-Positive Converter
L1
LT1110 • TA04
GND
SW2
FB
SW1
LIM
I
IN
V
D1
AO
+VOUT
R2
VOUT =
220mV + 0.6V
R1
R2
( )
R1
2N3906
–VIN
+
C1
LT1110
+
C2


Similar Part No. - LT1110CN8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1110 LINER-LT1110 Datasheet
257Kb / 16P
   Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Linear Technology
LT1110 LINER-LT1110_15 Datasheet
257Kb / 16P
   Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1110CN8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com