Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75108FGF Datasheet(PDF) 10 Page - NEC

Part # UPD75108FGF
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75108FGF Datasheet(HTML) 10 Page - NEC

Back Button UPD75108FGF Datasheet HTML 6Page - NEC UPD75108FGF Datasheet HTML 7Page - NEC UPD75108FGF Datasheet HTML 8Page - NEC UPD75108FGF Datasheet HTML 9Page - NEC UPD75108FGF Datasheet HTML 10Page - NEC UPD75108FGF Datasheet HTML 11Page - NEC UPD75108FGF Datasheet HTML 12Page - NEC UPD75108FGF Datasheet HTML 13Page - NEC UPD75108FGF Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
10
µPD75108F,75112F,75116F
3.3
PIN INPUT/OUTPUT CIRCUITS
The input/output circuits of each pin of the
µPD75116F are shown in abbreviated form.
Fig. 3-1 Pin Input/Output Circuit List
Type A
Type F
Type B
Type D
Type E
Type M
Type N
IN/OUT
data
output
disable
Type D
P-ch
VDD
IN
N-ch
IN
Pull-Up Resistor
VDD
IN/OUT
N-ch
(+6 V
Withstand
Voltage)
data
output
disable
(Mask Option)
Middle-High Voltage Input Buffer
(+6 V Withstand Voltage)
IN/OUT
data
output
disable
Type D
Type A
P-ch
VDD
OUT
N-ch
data
output
disable
+
VREF (Threshold Voltage)
CMOS standard input buffer
This is an input/output circuit made up of a Type D
push-pull output and Type B Schmitt-triggered input.
Schmitt-trigger input with hysteresis characteristic
Push-pull output that can be made high-
impedance output (P-ch and N-ch OFF)
This is an input/output circuit made up of a
Type D push-pull output and Type A input buffer.
Comparator
Type B


Similar Part No. - UPD75108FGF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75108FGF-XXX-3BE RENESAS-UPD75108FGF-XXX-3BE Datasheet
610Kb / 80P
   MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD75108FGF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com