Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER1605PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER1605PT
Description  16.0AMPS. Glass Passivated High Efficient Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER1605PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER1605PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER1605PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER1605PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
UL Recognized File # E-326243
Dual rectifier construction, positive center-tap
Glass passivated chip junction
Superfast recovery time, high voltage
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
HER1601PT
TO-3P
30 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
HER
1601PT
HER
1602PT
HER
1603PT
HER
1604PT
HER
1605PT
HER
1606PT
HER
1607PT
HER
1608PT
Units
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
uA
uA
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
Version:F13
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts
Ordering Information (example)
Part No.
Package
Packing
Packing code
Packing code
(Green)
C0G
Typical Junction Capacitance (Note 3)
85
60
Operating Temperature Range
- 55 to + 150
Storage Temperature Range
- 55 to + 150
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=125 ℃
IR
10
500
Maximum Reverse Recovery Time (Note 2)
50
80
Maximum Instantaneous Forward Voltage (Note 1)
@ 8 A
VF
1.0
1.3
1.7
V
Maximum Average Forward Rectified Current
16
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
200
A
Mounting torque: 10in-lbs Max
Weight: 5.6 grams
Parameter
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Cases: TO-3P/TO-247AD Molded plastic
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
HER1601PT - HER1608PT
16.0AMPS. Glass Passivated High Efficient Rectifiers
TO-3P/TO-247AD
Features
Plastic package has Underwriters Laborator
Flammability Classification 94V-0
High temperature soldering guaranteed:
260℃, 0.16"(4.06mm) from case for 10 seconds
1
2
3


Similar Part No. - HER1605PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER1605PT WTE-HER1605PT Datasheet
48Kb / 3P
   16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
HER1605PT TSC-HER1605PT Datasheet
110Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1605PT TSC-HER1605PT Datasheet
382Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1605PT TSC-HER1605PT Datasheet
684Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Nantong Hornby Electron...
HER1605PT HORNBY-HER1605PT Datasheet
272Kb / 3P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
More results

Similar Description - HER1605PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER1601G TSC-HER1601G_11 Datasheet
201Kb / 2P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G_11 Datasheet
263Kb / 2P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_13 Datasheet
399Kb / 3P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
HERF1601G TSC-HERF1601G_11 Datasheet
188Kb / 2P
   16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G_12 Datasheet
206Kb / 2P
   16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
SF1601G TSC-SF1601G_11 Datasheet
197Kb / 2P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G_13 Datasheet
399Kb / 3P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com