Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1161I Datasheet(PDF) 1 Page - Linear Technology

Part # LT1161I
Description  Quad Protected High-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1161I Datasheet(HTML) 1 Page - Linear Technology

  LT1161I Datasheet HTML 1Page - Linear Technology LT1161I Datasheet HTML 2Page - Linear Technology LT1161I Datasheet HTML 3Page - Linear Technology LT1161I Datasheet HTML 4Page - Linear Technology LT1161I Datasheet HTML 5Page - Linear Technology LT1161I Datasheet HTML 6Page - Linear Technology LT1161I Datasheet HTML 7Page - Linear Technology LT1161I Datasheet HTML 8Page - Linear Technology LT1161I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1161
Quad Protected High-Side
MOSFET Driver
s
Fully Enhances N-Channel MOSFET Switches
s
8V to 48V Power Supply Range
s
Protected from – 15V to 60V Supply Transients
s
Individual Short-Circuit Protection
s
Individual Automatic Restart Timers
s
Programmable Current Limit, Delay Time, and
Auto-Restart Period
s
Voltage-Limited Gate Drive
s
Defaults to OFF State with Open Input
s
Flowthrough Input to Output Pinout
s
Available in 20-Lead DIP or SOL Package
The LT1161 is a quad high-side gate driver allowing the
use of low cost N-channel power MOSFETs for high-side
switching applications. It has four independent switch
channels, each containing a completely self-contained
charge pump to fully enhance an N-channel MOSFET
switch with no external components.
Also included in each switch channel is a drain sense
comparator that is used to sense switch current. When a
preset current level is exceeded, the switch is turned off.
The switch remains off for a period of time set by an
external timing capacitor and then automatically attempts
to restart. If the fault is still present, this cycle repeats until
the fault is removed, thus protecting the MOSFET.
The LT1161 has been specifically designed for harsh
operating environments such as industrial, avionics, and
automotive applications where poor supply regulation
and/or transients may be present. The device will not
sustain damage from supply voltages of –15V to 60V.
FEATURES
DESCRIPTION
s
Industrial Control
s
Avionics Systems
s
Automotive Switches
s
Stepper Motor and DC Motor Control
s
Electronic Circuit Breaker
APPLICATIONS
TYPICAL APPLICATION
+
CT
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.01
IRFZ34
24V
INPUTS
1161 F01
IRFZ34
IRFZ34
IRFZ34
RS
0.01
0.01
0.01
LOAD
#1
50
µF
50V
LOAD
#2
LOAD
#3
LOAD
#4
DS1
G1
DS2
G2
DS3
G3
DS4
G4
V+
V+
T1
T2
T3
T4
GND
GND
IN1
IN2
IN3
IN4
LT1161
Switch Drop vs Load Current
LOAD CURRENT (A)
0
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4
1161 TA01
1
2
3
5
Figure 1. Protected Quad High-Side Switch


Similar Part No. - LT1161I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161IN LINER-LT1161IN Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161ISW LINER-LT1161ISW Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
More results

Similar Description - LT1161I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_15 Datasheet
196Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
   Protected High Side MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
   Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
   Self Protected High Side Driver
February, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com