Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75208CW Datasheet(PDF) 1 Page - NEC

Part # UPD75208CW
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75208CW Datasheet(HTML) 1 Page - NEC

  UPD75208CW Datasheet HTML 1Page - NEC UPD75208CW Datasheet HTML 2Page - NEC UPD75208CW Datasheet HTML 3Page - NEC UPD75208CW Datasheet HTML 4Page - NEC UPD75208CW Datasheet HTML 5Page - NEC UPD75208CW Datasheet HTML 6Page - NEC UPD75208CW Datasheet HTML 7Page - NEC UPD75208CW Datasheet HTML 8Page - NEC UPD75208CW Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
4-BIT SINGLE-CHIP MICROCOMPUTER
DESCRIPTION
The
µPD75208 is a microcomputer with a CPU capable of 1-, 4-, and 8-bit-wise data processing, a ROM, a RAM,
I/O ports, a fluorescent display tube controller/driver, a watch timer, a timer/pulse generator capable of outputting
14-bit PWM, a serial interface and a vectored interrupt function integrated on a single-chip.
It uses the VCR, ECR and CD fluorescent display tubes as display devices and is most suitable for applications
requiring the timer/watch function and high-speed interrupt servicing. It can help to provide the unit with many
functions and to decrease performance costs.
With the
µPD75208, the µPD75P216A, 75P218 one-time PROM products are available for system development
evaluation or small production.
The following manual provides detailed description of the functions of the
µPD75208. Be sure to read this manual
when you design an application system.
µPD75216A User’s Manual: IEM-988
FEATURES
µPD75208
MOS INTEGRATED CIRCUIT
DATA SHEET
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
Document No.
IC-1884A
(O. D. No.
IC-7048C)
Date Published August 1993 P
Printed in Japan
Please refer to “Quality grade on NEC Semiconductor Devices” (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
• Architecture equal to that of an 8-bit microcomputer
• High-speed operation : Minimum instruction execution time : 0.95
µs (when operated at 4.19 MHz)
• Instruction execution time variable function realizing a wide range of operating voltages
• On-chip large-capacity program memory : 8K bytes
• Watch operation with an ultra low current consumption : 5
µA TYP. (at the 3 V operation)
• On-chip programmable fluorescent display tube controller/driver
• Timer function : 4 ch
• 14-bit PWM output capability with the voltage synthesizer type electronic tuner
• Buzzer output capability
• Interrupt function with importance attached to applications
• For power-off detection
• For remote controlled reception
• Product with an on-chip PROM :
µPD75P216A, µPD75P218 (on-chip EPROM : WQFN package)
ORDERING INFORMATION
Ordering Code
Package
Quality Grade
µPD75208CW-×××
64-pin plastic shrink DIP (750 mil)
Standard
µPD75208GF-×××-3BE
64-pin plastic QFP (14
× 20 mm)
Standard
© NEC Corporation 1991
5
5
5


Similar Part No. - UPD75208CW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75208CW-XXX RENESAS-UPD75208CW-XXX Datasheet
566Kb / 64P
   MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD75208CW

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com