Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD10200CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBRD10200CT
Description  10A SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRD10200CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBRD10200CT_15 Datasheet HTML 1Page - Diodes Incorporated MBRD10200CT_15 Datasheet HTML 2Page - Diodes Incorporated MBRD10200CT_15 Datasheet HTML 3Page - Diodes Incorporated MBRD10200CT_15 Datasheet HTML 4Page - Diodes Incorporated MBRD10200CT_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MBRD10200CT
Document number: DS37084 Rev. 3 - 2
1 of 5
www.diodes.com
November 2014
© Diodes Incorporated
MBRD10200CT
10A SCHOTTKY BARRIER RECTIFIER
Product Summary
MBRD10200CT (Per Leg)
Description
This Schottky Barrier Rectifier is designed to meet the stringent
requirements of commercial applications.
Applications
Polarity Protection Diode
Re-Circulating Diode
Switching Diode
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
200
5
0.91
0.05
Features and Benefits
Guard Ring Die Construction for Transient Protection
High Surge Current Capability
Low Forward Voltage Drop
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO252 (DPAK)
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight: TO252 (DPAK)
– 0.317 Grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
MBRD10200CT-13
TO252 (DPAK)
2500 pieces/reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
TO252 (DPAK)
Top View
Package Pin Out
Configuration
Green
MBRD10200CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 14 = 2014)
WW = Week (01 - 53)


Similar Part No. - MBRD10200CT_15

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRD10200CT SMC-MBRD10200CT Datasheet
214Kb / 7P
   SCHOTTKY RECTIFIER
logo
Jiangsu Changjiang Elec...
MBRD10200CT JIANGSU-MBRD10200CT Datasheet
891Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
MBRD10200CT GOOD-ARK-MBRD10200CT Datasheet
428Kb / 4P
   Schottky Barrier Rectifier
logo
Littelfuse
MBRD10200CT LITTELFUSE-MBRD10200CT Datasheet
620Kb / 3P
   Low forward voltage drop
logo
Foshan Blue Rocket Elec...
MBRD10200CT FOSHAN-MBRD10200CT Datasheet
696Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
More results

Similar Description - MBRD10200CT_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1030 DIODES-MBR1030 Datasheet
56Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com