Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD10200CT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MBRD10200CT
Description  10A SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRD10200CT Datasheet(HTML) 4 Page - Diodes Incorporated

  MBRD10200CT_15 Datasheet HTML 1Page - Diodes Incorporated MBRD10200CT_15 Datasheet HTML 2Page - Diodes Incorporated MBRD10200CT_15 Datasheet HTML 3Page - Diodes Incorporated MBRD10200CT_15 Datasheet HTML 4Page - Diodes Incorporated MBRD10200CT_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBRD10200CT
Document number: DS37084 Rev. 3 - 2
4 of 5
www.diodes.com
November 2014
© Diodes Incorporated
MBRD10200CT
Package Outline Dimensions (Cont.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
TO252 (DPAK) (Type TH)
TO252 (DPAK) (Type BR)
c
A
7°±2°
H
Seating Plane
A1
Gauge Plane
L
2.90REF
A2
A4
L5
7°±2°
7°±2°
b3
E
L3
D
L4
b(3x)
e
D1
E1
L2
TO252 (DPAK)
(Type TH)
Dim
Min
Max
Typ
A
2.20
2.38
2.30
A1
0.00
0.10
-
A2
0.97
1.17
1.07
A4
0.10 REF
b
0.72
0.85
0.78
b3
5.23
5.45
5.33
c
0.47
0.58
0.53
D
6.00
6.20
6.10
D1
5.30 REF
e
2.286 BSC
E
6.50
6.70
6.60
E1
4.70
4.92
4.83
H
9.90
10.10 10.30
L
1.40
1.70
1.60
L2
0.51 BSC
L3
0.90
1.25
-
L4
0.60
1.00
0.80
L5
1.70
1.90
1.80
a
-
All Dimensions in mm
TO252 (DPAK)
(Type BR)
Dim
Min
Max
Typ
A
2.20
2.40
-
A1
0.00
0.10
-
b
0.50
0.70
-
b3
5.20
5.40
-
c
0.45
0.55
-
D
5.95
6.25
-
D1
5.10
5.50
-
E
6.45
6.70
-
E1
4.71
4.91
-
e
2.24
2.34
H
9.45
9.95
-
L
1.25
1.75
-
L3
0.95
1.25
-
L4
0.60
0.90
-
All Dimensions in mm
b3
E
L3
D
L4
b2(2x)
b(3x)
e
D1
E1
c
A
H
L
A1


Similar Part No. - MBRD10200CT_15

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRD10200CT SMC-MBRD10200CT Datasheet
214Kb / 7P
   SCHOTTKY RECTIFIER
logo
Jiangsu Changjiang Elec...
MBRD10200CT JIANGSU-MBRD10200CT Datasheet
891Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
MBRD10200CT GOOD-ARK-MBRD10200CT Datasheet
428Kb / 4P
   Schottky Barrier Rectifier
logo
Littelfuse
MBRD10200CT LITTELFUSE-MBRD10200CT Datasheet
620Kb / 3P
   Low forward voltage drop
logo
Foshan Blue Rocket Elec...
MBRD10200CT FOSHAN-MBRD10200CT Datasheet
696Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
More results

Similar Description - MBRD10200CT_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1030 DIODES-MBR1030 Datasheet
56Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com