Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1168I Datasheet(PDF) 9 Page - Linear Technology

Part # LT1168I
Description  Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168I Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1168I Datasheet HTML 5Page - Linear Technology LT1168I Datasheet HTML 6Page - Linear Technology LT1168I Datasheet HTML 7Page - Linear Technology LT1168I Datasheet HTML 8Page - Linear Technology LT1168I Datasheet HTML 9Page - Linear Technology LT1168I Datasheet HTML 10Page - Linear Technology LT1168I Datasheet HTML 11Page - Linear Technology LT1168I Datasheet HTML 12Page - Linear Technology LT1168I Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1168
OUTPUT CURRENT (mA)
+VS
–VS
–VS + 0.5
–VS + 1.0
–VS + 1.5
–VS + 2.0
–VS + 2.5
+VS – 2.5
+VS – 2.0
+VS – 1.5
+VS – 1.0
+VS – 0.5
0.01
1
10
100
1168 G28
0.1
VS = ±15V
85
°C
25
°C
–40
°C
Large-Signal Transient Response
50
µs/DIV
G = 10
VS = ±15V
RL = 2k
CL = 60pF
1168 G33
50
µs/DIV
Large-Signal Transient Response
G = 1
VS = ±15V
RL = 2k
CL = 60pF
1168 G31
Small-Signal Transient Response
10
µs/DIV
G = 1
VS = ±15V
RL = 2k
CL = 60pF
1168 G32
Output Voltage Swing vs
Load Current
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
–25
10
30
60
0
50
75
1168 G29
20
50
40
25
100
VS = ±15V
SINKING CURRENT
SOURCING CURRENT
TEMPERATURE (
°C)
–50
–25
0
0.4
1.0
0
50
75
1168 G30
0.2
0.8
0.6
25
100
VS = ±15V
VOUT = ±10V
G = 1
+SLEW
–SLEW
Output Short-Circuit Current
vs Temperature
Slew Rate vs Temperature
VOUT (V)
–15
9
12
15
14
13
10
11
7
8
4
5
1
2
–3
7
1168 G43
6
3
0
–6
–3
0
–1
–2
–5
–4
–8
–7
–11
–10
–14
–13
–9
–12
–15
–11
–7
3
11
15
+VCM = +VS – 1.4V
–VCM = –VS + 1.9V
VOUT = +VS – 1.3V
VOUT = –VS + 1.2V
VS = ±15V
TA = 25°C
G = 1
G = 1
G = 100
G = 100
G = 10
G = 2
G = 2
G = 10
Input Voltage Range vs Output
Voltage for Various Gains


Similar Part No. - LT1168I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1168IN8 LINER-LT1168IN8 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168IS8 LINER-LT1168IS8 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results

Similar Description - LT1168I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com