Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1121AIS8-5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1121AIS8-5
Description  Micropower Low Dropout Regulators with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121AIS8-5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1121AIS8-5 Datasheet HTML 4Page - Linear Technology LT1121AIS8-5 Datasheet HTML 5Page - Linear Technology LT1121AIS8-5 Datasheet HTML 6Page - Linear Technology LT1121AIS8-5 Datasheet HTML 7Page - Linear Technology LT1121AIS8-5 Datasheet HTML 8Page - Linear Technology LT1121AIS8-5 Datasheet HTML 9Page - Linear Technology LT1121AIS8-5 Datasheet HTML 10Page - Linear Technology LT1121AIS8-5 Datasheet HTML 11Page - Linear Technology LT1121AIS8-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1121/LT1121-3.3/LT1121-5
S
APPLICATI
I FOR ATIO
that the ESR of the capacitor is low (ceramic) the sug-
gested series resistor is shown in Table 5. The LT1121 is
a micropower device and output transient response will be
a function of output capacitance. See the Transient Re-
sponse curves in the Typical Performance Characteristics.
Larger values of output capacitance will decrease the peak
deviations and provide improved output transient re-
sponse. Bypass capacitors, used to decouple individual
components powered by the LT1121, will increase the
effective value of the output capacitor.
Table 5.
SUGGESTED SERIES
OUTPUT CAPACITANCE
RESISTOR
0.33
µF2Ω
0.47
µF1Ω
0.68
µF1Ω
>1
µF
None Needed
Protection Features
The LT1121 incorporates several protection features which
make it ideal for use in battery-powered circuits. In addi-
tion to the normal protection features associated with
monolithic regulators, such as current limiting and ther-
mal limiting, the device is protected against reverse input
voltages, reverse output voltages, and reverse voltages
from output to input.
Current limit protection and thermal overload protection
are intended to protect the device against current overload
conditions at the output of the device. For normal opera-
tion, the junction temperature should not exceed 125
°C.
The input of the device will withstand reverse voltages of
30V. Current flow into the device will be limited to less than
1mA (typically less than 100
µA) and no negative voltage
will appear at the output. The device will protect both itself
and the load. This provides protection against batteries
that can be plugged in backwards.
For fixed voltage versions of the device, the output can be
pulled below ground without damaging the device. If the
input is open circuit or grounded the output can be pulled
below ground by 20V. The output will act like an open
circuit, no current will flow out of the pin. If the input is
powered by a voltage source, the output will source the
short-circuit current of the device and will protect itself by
thermal limiting. For the adjustable version of the device,
the output pin is internally clamped at one diode drop
below ground. Reverse current for the adjustable device
must be limited to 5mA.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled to
ground, pulled to some intermediate voltage, or is left
open circuit. Current flow back into the output will vary
depending on the conditions. Many battery-powered cir-
cuits incorporate some form of power management. The
following information will help optimize battery life. Table
6 summarizes the following information.
The reverse output current will follow the curve in Figure
2 when the input pin is pulled to ground. This current flows
through the output pin to ground. The state of the shut-
down pin will have no effect on output current when the
input pin is pulled to ground.
In some applications it may be necessary to leave the input
to the LT1121 unconnected when the output is held high.
This can happen when the LT1121 is powered from a
rectified AC source. If the AC source is removed, then the
input of the LT1121 is effectively left floating. The reverse
output current also follows the curve in Figure 2 if the input
pin is left open. The state of the shutdown pin will have no
effect on the reverse output current when the input pin is
floating.
OUTPUT VOLTAGE (V)
0
100
90
80
70
60
50
40
30
20
10
0
8
1121• F02
2
4
6
10
13
57
9
TJ = 25°C
VIN < VOUT
CURRENT FLOWS
INTO OUTPUT PIN
TO GROUND
LT1121-3.3
LT1121
(VOUT = VADJ)
LT1121-5
Figure 2. Reverse Output Current


Similar Part No. - LT1121AIS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121AIS8-5 LINER-LT1121AIS8-5 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1121AIS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com