Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1125CN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1125CN
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1125CN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1125CN Datasheet HTML 7Page - Linear Technology LT1125CN Datasheet HTML 8Page - Linear Technology LT1125CN Datasheet HTML 9Page - Linear Technology LT1125CN Datasheet HTML 10Page - Linear Technology LT1125CN Datasheet HTML 11Page - Linear Technology LT1125CN Datasheet HTML 12Page - Linear Technology LT1125CN Datasheet HTML 13Page - Linear Technology LT1125CN Datasheet HTML 14Page - Linear Technology LT1125CN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1124/LT1125
(1/2 LT1124, 1/4 LT1125)
S
A
CHE
TI
I
CD AGRA
1124/25 SS
200
µA
100
µA
200
6k
200
6k
50
200
µA
V
100
µA
V +
OUTPUT
Q11
Q2B
Q1B
Q1A
INVERTING
INPUT (–)
NONINVERTING
INPUT (+)
Q13
Q9
Q8
Q7
21k
21k
200pF
3.6k
3.6k
360
µA
V+
V+
20pF
35pF
900
400
67pF
Q2A
570
µA
Q25
20
20
V
Q12
Q3
Q15
Q16
Q22
Q23
Q24
Q17
Q19
Q20
Q18
Q26
Q30
Q28
Q27
Q29
Q10


Similar Part No. - LT1125CN

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results

Similar Description - LT1125CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1126 LINER-LT1126_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com