Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129CT-3.3 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1129CT-3.3
Description  Micropower Low Dropout Regulators with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129CT-3.3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1129CT-3.3 Datasheet HTML 4Page - Linear Technology LT1129CT-3.3 Datasheet HTML 5Page - Linear Technology LT1129CT-3.3 Datasheet HTML 6Page - Linear Technology LT1129CT-3.3 Datasheet HTML 7Page - Linear Technology LT1129CT-3.3 Datasheet HTML 8Page - Linear Technology LT1129CT-3.3 Datasheet HTML 9Page - Linear Technology LT1129CT-3.3 Datasheet HTML 10Page - Linear Technology LT1129CT-3.3 Datasheet HTML 11Page - Linear Technology LT1129CT-3.3 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1129/LT1129-3.3/LT1129-5
S
APPLICATI
I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
OUTPUT VOLTAGE (V)
0
100
90
80
70
60
50
40
30
20
10
0
8
1129 F03
2
4
6
10
13
57
9
TJ = 25°C
VIN = 0V
VSENSE = VOUT
CURRENT FLOWS
INTO DEVICE
LT1129-3.3
LT1129
LT1129-5
Figure 5. Reverse Output Current
Figure 3. Reverse Output Current
INPUT VOLTAGE (V)
0
350
300
250
200
150
100
50
0
3
1129 F06
12
5
4
LT1129-3.3
VOUT = 3.3V
VSENSE = VOUT
LT1129-5
VOUT = 5V
Figure 6. Reverse Output Current
OUTPUT VOLTAGE (V)
0
40
35
30
25
20
15
10
5
0
3
1129 F05
12
5
4
LT1129-3.3
LT1129-5
VIN = OPEN
VSHDN = 0V
VSENSE = VOUT
OUTPUT VOLTAGE (V)
0
350
300
250
200
150
100
50
0
3
1129 F04
12
5
4
VIN = OPEN
VSHDN = OPEN
VSENSE = VOUT
LT1129-3.3
LT1129-5
Figure 4. Reverse Output Current
shutdown pin floating (open circuit). Figure 5 shows
output current as a function of output voltage with the
input floating and the shutdown pin pulled to ground.
When the input of the LT1129 is forced to a voltage below
its nominal output voltage and its output is held high, the
output current will follow the curve shown in Figure 6 . This
can happen if the input of the LT1129 is connected to a
discharged (low voltage) battery and the output is held up
by either a backup battery or by a second regulator circuit.
Users with applications requiring lower reverse currents
should contact the factory about the availability of a
modified version of the LT1129.
Table 4. Fault Conditions
INPUT PIN
SHDN PIN
OUTPUT/SENSE PINS
≤ 0.8V
Open (Hi)
Forced to VOUT (Nominal)
Reverse Output Current
≈ 15µA (See Figure 3)
≤ 0.8V
Grounded
Forced to VOUT (Nominal)
Reverse Output Current
≈ 15µA (See Figure 3)
Open
Open (Hi)
> 1V
Reverse Output Current
≈ 200µA Peak (See Figure 4)
Open
Grounded
> 1V
Reverse Output Current
≈ 35µA at VOUT = VOUT (Nominal) (See Figure 5)
0.8V
≤ VIN ≤ VOUT
Open (Hi)
Forced to VOUT (Nominal)
Reverse Output Current
≈ 300µA Peak (See Figure 6)
0.8V
≤ VIN ≤ VOUT
Grounded
Forced to VOUT (Nominal)
Reverse Output Current
≈ 300µA (See Figure 6)


Similar Part No. - LT1129CT-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1129CT-3.3 LINEAR-LT1129CT-3.3 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129CT-3.3 LINER-LT1129CT-3.3 Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129CT-3.3 LINER-LT1129CT-3.3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CT-3.3 LINER-LT1129CT-3.3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129CT-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com