Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F00247 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # F00247
Description  POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00247 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  F00247_15 Datasheet HTML 1Page - Solid States Devices, Inc F00247_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SFF70N10M
SFF70N10Z
FEATURES:
DATA SHEET #: F00247B
MAXIMUM RATINGS
• Rugged construction with poly silicon gate
• Ultra low RDS (on) and high transconductance
• Excellent high temperature stability
• Very fast switching speed
• Fast recovery and superior dv/dt performance
• Increased reverse energy capability
• Low input and transfer capacitance for easy paralleling
• Hermetically sealed package
• TX, TXV and Space Level screening available
Replaces: SMM70N10 Types
70 AMP
600 VOLT
0.030
N-CHANNEL
POWER MOSFET
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCDs for these devices should be reviewed by SSDI prior to release.
ID
561/
Continuous Drain Current
Drain to Source Voltage
VDS
100
Amps
Volts
Thermal Resistance, Junction to Case
R0JC
Top & Tstg
-55 to +150
Operating and Storage Temperature
oC
oC/W
.83
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Watts
Total Device Dissipation
PD
150
114
@ TC = 25oC
@ TC = 55oC
TO-254Z (Z)
TO-254 (M)
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
CASE OUTLINE: TO-254Z (Sufix Z)
CASE OUTLINE: TO-254 (Sufix M)
Available with Glass or Ceramic Seals. Contact Facory for details.
Gate to Source Voltage
VGS
+ 20
Volts
Pin Out:
Pin 1: Drain
Pin 2: Source
Pin 3: Gate
Pin Out:
Pin 1: Drain
Pin 2: Source
Pin 3: Gate


Similar Part No. - F00247_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
F00247 SSDI-F00247 Datasheet
47Kb / 2P
   POWER MOSFET
More results

Similar Description - F00247_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com