Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75218 Datasheet(PDF) 1 Page - NEC

Part # UPD75218
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75218 Datasheet(HTML) 1 Page - NEC

  UPD75218 Datasheet HTML 1Page - NEC UPD75218 Datasheet HTML 2Page - NEC UPD75218 Datasheet HTML 3Page - NEC UPD75218 Datasheet HTML 4Page - NEC UPD75218 Datasheet HTML 5Page - NEC UPD75218 Datasheet HTML 6Page - NEC UPD75218 Datasheet HTML 7Page - NEC UPD75218 Datasheet HTML 8Page - NEC UPD75218 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Major changes in this version are indicated by stars (5) in the margins.
4-BIT SINGLE-CHIP MICROCOMPUTER
The
µPD75218 is a microcomputer with a CPU capable of 1-, 4-, and 8-bit-wise data processing, ROM, RAM,
I/O ports, an FIP controller/driver, a watch timer, a timer/pulse generator capable of outputting 14-bit PWM pulses,
a serial interface and a vectored interrupt function integrated on a single chip.
It is most suitable for applications which use fluorescent display tubes as display devices and require the timer/
watch function and high-speed interrupt servicing, such as VCR, CD and ECR. It can help to provide the unit with
many functions and to decrease performance costs.
The
µPD75218 has larger ROM and RAM capacity than its predecessor, µPD75217. So several codes required
before have been reduced to only one code in the
µPD75218 specifications.
The one-time PROM product,
µPD75P218 and various development tools (IE-75001-R, assembler, etc.) are
available for system development evaluation or small production.
The following manual provides detailed description of the functions of the
µPD75218. Be sure to read this manual
when you design an application system.
µPD75218 User’s Manual: IEU-692
FEATURES
• On-chip large-capacity ROM and RAM
• Program memory (ROM) : 32K
× 8 bits
• Data memory (RAM)
: 1K
× 4 bits
• Architecture equal to that of an 8-bit microcomputer
• High-speed operation: Minimum instruction execution time : 0.67
µs (when the microcomputer operates at
6.0 MHz)
• Instruction execution time variable function realizing a wide range of operating voltages
• On-chip programmable fluorescent indication panel (FIP) controller/driver
• Timer function : 4 ch
• 14-bit PWM output capability with the voltage synthesizer type electronic tuner
• Buzzer output capability
• Interrupt function with importance attached to applications
• For power-off detection
• For reception of remote-controller signal
• Product with an on-chip PROM :
µPD75P218 (on-chip EPROM : WQFN package)
µPD75218
MOS INTEGRATED CIRCUIT
DATA SHEET
The information in this document is subject to change without notice.
Document No. IC-3035
(O. D. No. IP-8484)
Date Published November 1993 P
Printed in Japan
© NEC Corporation 1993


Similar Part No. - UPD75218

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75218 RENESAS-UPD75218 Datasheet
602Kb / 64P
   MOS INTEGRATED CIRCUIT
1993
UPD75218CW-XXX RENESAS-UPD75218CW-XXX Datasheet
602Kb / 64P
   MOS INTEGRATED CIRCUIT
1993
UPD75218GF-XXX-3BE RENESAS-UPD75218GF-XXX-3BE Datasheet
602Kb / 64P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD75218

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com