Electronic Components Datasheet Search |
|
LT1181AISW Datasheet(PDF) 8 Page - Linear Technology |
|
LT1181AISW Datasheet(HTML) 8 Page - Linear Technology |
8 / 12 page 8 LT1180A/LT1181A PACKAGE DESCRIPTIO Dimensions in inches (millimeters) unless otherwise noted. J Package 16-Lead CERDIP (Narrow 0.300, Hermetic) (LTC DWG # 05-08-1110) J18 1197 0.015 – 0.060 (0.380 – 1.520) 0.100 ± 0.010 (2.540 ± 0.254) 0.014 – 0.026 (0.360 – 0.660) 0.045 – 0.068 (1.143 – 1.727) 0.200 (5.080) MAX 0.125 (3.175) MIN 0.008 – 0.018 (0.203 – 0.457) 0 ° – 15° 0.300 BSC (0.762 BSC) 1 2 3 4 56 78 0.220 – 0.310 (5.590 – 7.870) 0.960 (24.384) MAX 0.005 (0.127) MIN 16 13 9 10 11 12 14 15 17 18 0.025 (0.635) RAD TYP 0.045 – 0.068 (1.143 – 1.727) FULL LEAD OPTION 0.023 – 0.045 (0.584 – 1.143) HALF LEAD OPTION CORNER LEADS OPTION (4 PLCS) NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS J Package 18-Lead CERDIP (Narrow 0.300, Hermetic) (LTC DWG # 05-08-1110) J16 1197 0.015 – 0.060 (0.380 – 1.520) 0.100 ± 0.010 (2.540 ± 0.254) 0.014 – 0.026 (0.360 – 0.660) 0.045 – 0.068 (1.143 – 1.727) 0.200 (5.080) MAX 0.125 (3.175) MIN 0.045 – 0.068 (1.143 – 1.727) FULL LEAD OPTION 0.023 – 0.045 (0.584 – 1.143) HALF LEAD OPTION CORNER LEADS OPTION (4 PLCS) 0.008 – 0.018 (0.203 – 0.457) 0 ° – 15° 0.300 BSC (0.762 BSC) 1 23 4 5 6 78 0.220 – 0.310 (5.588 – 7.874) 0.840 (21.336) MAX 0.005 (0.127) MIN 16 13 9 10 11 12 14 15 0.025 (0.635) RAD TYP NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS |
Similar Part No. - LT1181AISW |
|
Similar Description - LT1181AISW |