Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75068GB Datasheet(PDF) 3 Page - NEC

Part # UPD75068GB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75068GB Datasheet(HTML) 3 Page - NEC

  UPD75068GB Datasheet HTML 1Page - NEC UPD75068GB Datasheet HTML 2Page - NEC UPD75068GB Datasheet HTML 3Page - NEC UPD75068GB Datasheet HTML 4Page - NEC UPD75068GB Datasheet HTML 5Page - NEC UPD75068GB Datasheet HTML 6Page - NEC UPD75068GB Datasheet HTML 7Page - NEC UPD75068GB Datasheet HTML 8Page - NEC UPD75068GB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
3
µPD75064, 75066, 75068, 75064(A), 75066(A), 75068(A)
FUNCTION OVERVIEW
Item
Function
Instruction execution time
Main system clock : 0.95
µs, 1.91 µs, 15.3 µs (at 4.19 MHz)
Subsystem clock : 122
µs (at 32.768 kHz)
Internal memory
ROM
µPD75064: 4096 × 8 bits
µPD75066 : 6016 × 8 bits
µPD75068 : 8064 × 8 bits
RAM
512
× 4 bits
General register
When operating in 4 bits: 8
When operating in 8 bits: 4
I/O port
32
12
CMOS input
Of these, seven with software-specifiable on-chip
pull-up resistors
12
CMOS I/O
Software-specifiable on-chip pull-up resistors
Four pins can directly drive LEDs.
8
N-ch open-drain I/O
Breakdown voltage: 10 V
Mask-option-specifiable on-chip pull-up resistors
Can directly drive LEDs.
Timer
3 chs.
Timer/event counter
Basic interval timer : Applicable to watchdog timer
Watch timer : Capable of buzzer output
Serial interface
3-wire serial I/O mode
2-wire serial I/O mode
SBI mode
Bit sequencial buffer
16 bits
Clock output function
Φ , fx/23, fx/24, fx/26 (Main system clock: at 4.19 MHz operation)
A/D converter
8-bit resolution x 8 channels
Low-power operation possible : VDD = 2.7 to 6.0 V
Vectored interrupt
External : 3 , Internal : 3
Test input
External : 1,
Internal : 1
System clock oscillator
Ceramic/crystal oscillator for main system clock
Crystal oscillator for subsystem clock
Standby function
STOP / HALT mode
Operating ambient
–40 to +85
°C
temperature
Operating supply
2.7 to 6.0 V
voltage
Package
42-pin plastic shrink DIP (600 mil)
44-pin plastic QFP (10 x 10 mm)


Similar Part No. - UPD75068GB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75068 RENESAS-UPD75068 Datasheet
696Kb / 70P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD75068GB

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com