Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1222 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1222
Description  500MHz Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1222 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1222 Datasheet HTML 3Page - Linear Technology LT1222 Datasheet HTML 4Page - Linear Technology LT1222 Datasheet HTML 5Page - Linear Technology LT1222 Datasheet HTML 6Page - Linear Technology LT1222 Datasheet HTML 7Page - Linear Technology LT1222 Datasheet HTML 8Page - Linear Technology LT1222 Datasheet HTML 9Page - Linear Technology LT1222 Datasheet HTML 10Page - Linear Technology LT1222 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1222
APPLICATIONS INFORMATION
Output Clamping
Access to the internal compensation node at pin 5 allows
the output swing of the LT1222 to be clamped. An example
is shown on the first page of this data sheet. The compen-
sation node is approximately one diode drop above the
output and can source or sink 1.2mA. Back-to-back Schot-
tky diodes clamp pin 5 to a diode drop above ground so the
output is clamped to
±0.5V (the drop of the Schottkys at
1.2mA). The diode reference is bypassed for good AC
response. This circuit is useful for amplifying the voltage at
false sum nodes used in settling time measurements.
Capacitive Loading
The LT1222 is stable with capacitive loads. This is accom-
plished by sensing the load induced output pole and adding
compensation at the amplifier gain node. As the capacitive
load increases, both the bandwidth and phase margin
decrease. There will be peaking in the frequency domain as
shown in the curve of Frequency Response vs Capacitive
Load. The small-signal transient response will have more
overshoot as shown in the photo of the small-signal
response with 1000pF load. The large-signal response with
a 10,000pF load shows the output slew rate being limited
to 4V/
µs by the short-circuit current. The LT1222 can drive
coaxial cable directly, but for best pulse fidelity a resistor of
value equal to the characteristic impedance of the cable
(i.e., 75
Ω) should be placed in series with the output. The
other end of the cable should be terminated with the same
value resistor to ground.
Compensation
The LT1222 has a typical gain-bandwidth product of
500MHz which allows it to have wide bandwidth in high
gain configurations (i.e., in a gain of 100, it will have a
bandwidth of about 5MHz). For added flexibility the ampli-
fier frequency response may be adjusted by adding capaci-
tance from pin 5 to ground. The compensation capacitor
may be used to reduce overshoot, to allow the amplifier to
be used in lower noise gains, or simply to reduce band-
width. Table 1 shows gain and compensation capacitor
vresus – 3dB bandwidth, maximum frequency peaking and
small-signal overshoot.
Table 1
AV
CC (pF)
f –3dB (MHz)
Max Peaking (dB)
Overshoot (%)
– 1
30
99
4.2
36
– 1
50
70
0.9
13
– 1
82
32
0
0
– 1
150
13
0
0
5
10
140
3.8
35
5
20
100
0
5
530
34
0
1
550
15
0
0
10
0
150
9.5
45
10
5
111
0.2
10
10
10
40
0
2
10
20
17
0
0
20
0
82
0.1
10
20
5
24
0
0
20
10
14
0
0
For frequencies < 10MHz the frequency response of the
amplifier is approximately:
f = 1/[2
π × 53Ω × (CC + 6pF) × (Noise Gain)]
The slew rate is affected as follows:
SR = 1.2mA/(CC + 6pF)
An example would be a gain of –10 (noise gain of 11) and
CC = 20pF which has 10.5MHz bandwidth and 46V/µs slew
rate. It should be noted that the LT1222 is not stable in
AV = 1 unless CC = 50pF and a 1k resistor is used as the
feedback resistor. The 1k and input capacitance increase
the noise gain at frequency to aid stability.


Similar Part No. - LT1222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1222 LINER-LT1222 Datasheet
248Kb / 12P
   500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
LT1222 LINER-LT1222 Datasheet
261Kb / 12P
   Operational Amplifier
LT1222CN8 LINER-LT1222CN8 Datasheet
248Kb / 12P
   500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
LT1222CS8 LINER-LT1222CS8 Datasheet
248Kb / 12P
   500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
LT1222IS8 LINER-LT1222IS8 Datasheet
248Kb / 12P
   500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
More results

Similar Description - LT1222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1222 LINER-LT1222_07 Datasheet
248Kb / 12P
   500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
M/A-COM Technology Solu...
AM-151 MA-COM-AM-151_15 Datasheet
481Kb / 3P
   Cascadable Amplifier 10 to 500MHz
AM-147 MA-COM-AM-147 Datasheet
140Kb / 2P
   Cascadable Amplifier 10 to 500MHz
AM-151 MA-COM-AM-151 Datasheet
83Kb / 2P
   Cascadable Amplifier 10 to 500MHz
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com