Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1246 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1246
Description  1MHz Off-Line Current Mode PWM and DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1246 Datasheet(HTML) 2 Page - Linear Technology

  LT1246 Datasheet HTML 1Page - Linear Technology LT1246 Datasheet HTML 2Page - Linear Technology LT1246 Datasheet HTML 3Page - Linear Technology LT1246 Datasheet HTML 4Page - Linear Technology LT1246 Datasheet HTML 5Page - Linear Technology LT1246 Datasheet HTML 6Page - Linear Technology LT1246 Datasheet HTML 7Page - Linear Technology LT1246 Datasheet HTML 8Page - Linear Technology LT1246 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1246/LT1247
2
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output Voltage
IO = 1mA, TJ = 25°C
4.925
5.000
5.075
V
Line Regulation
12V < VCC < 25V
q
320
mV
Load Regulation
1mA < IREF < 20mA
q
–6
– 25
mV
Temperature Stability
0.1
mV/
°C
Total Output Variation
Line, Load, Temperature
q
4.87
5.13
V
Output Noise Voltage
10Hz < F < 10kHz, TJ = 25°C50
µV
Long-Term Stability
TA = 125°C, 1000 Hrs.
5
25
mV
Output Short-Circuit Current
q
–30
– 90
–180
mA
Oscillator Section
Initial Accuracy
RT = 10k, CT = 3.3nF, TJ = 25°C
47.5
50
52.5
kHz
RT = 6.2k, CT = 500pF, TJ = 25°C
465
500
535
kHz
Voltage Stability
12V < VCC < 25V, TJ = 25°C1
%
Temperature Stability
TMIN < TJ < TMAX
– 0.05
%/
°C
Amplitude
Pin 4
1.7
V
Clock Ramp Reset Current
VOSC (Pin 4) = 2V, TJ = 25°C
7.9
8.2
8.5
mA
Error Amplifier Section
Feedback Pin Input Voltage
VPIN 1 = 2.5V
q
2.42
2.50
2.58
V
Input Bias Current
VFB = 2.5V
q
–2
µA
Open-Loop Voltage Gain
2 < VO < 4V
q
65
90
dB
Unity-Gain Bandwidth
TJ = 25°C
1
2
MHz
Power Supply Rejection Ratio
12V < VCC < 25V
q
60
dB
Output Sink Current
VPIN 2 = 2.7V, VPIN 1 = 1.1V
q
26
mA
Output Source Current
VPIN 2 = 2.3V, VPIN 1 = 5V
q
– 0.5
– 0.75
mA
(Notes 1, 2)
ELECTRICAL C
C
HARA TERISTICS
PACKAGE/ORDER I FOR ATIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage ....................................................... 25V
Output Current ......................................................
±1A*
Output Energy (Capacitive Load per Cycle) ............. 5
µJ
Analog Inputs (Pins 2, 3) .............................. – 0.3 to 6V
Error Amplifier Output Sink Current ..................... 10mA
Power Dissipation at TA ≤ 25°C ............................... 1W
Operating Junction Temperature Range
LT1246C/LT1247C ............................. 0
°C to 100°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
*The 1A rating for output current is based on transient switching
requirements.
S8 PART MARKING
LT1246CN8
LT1246CS8
LT1247CN8
LT1247CS8
ORDER PART
NUMBER
1246
1247
Consult factory for Industrial and Military grade parts.
1
2
3
4
8
7
6
5
TOP VIEW
COMP
FB
ISENSE
RT/CT
VREF
VCC
OUTPUT
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 100°C, θJA = 130°C/W (N8)
TJMAX = 100°C, θJA = 150°C/W (S8)


Similar Part No. - LT1246

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1246 LINER-LT1246 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
More results

Similar Description - LT1246

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1247 LINER-LT1247_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
   1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Global Mixed-mode Techn...
AT1526 GMT-AT1526 Datasheet
176Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com