Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1248 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1248
Description  Power Factor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1248 Datasheet(HTML) 1 Page - Linear Technology

  LT1248 Datasheet HTML 1Page - Linear Technology LT1248 Datasheet HTML 2Page - Linear Technology LT1248 Datasheet HTML 3Page - Linear Technology LT1248 Datasheet HTML 4Page - Linear Technology LT1248 Datasheet HTML 5Page - Linear Technology LT1248 Datasheet HTML 6Page - Linear Technology LT1248 Datasheet HTML 7Page - Linear Technology LT1248 Datasheet HTML 8Page - Linear Technology LT1248 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1248
Power Factor Controller
+
+
+
IM =
IA
2 IB
200
µA2
VCC
VAOUT
16V TO 10V
2.6V/
2.2V
7.5V
7.9V
12
µA
5V
EA
VREF
+
+
+
+
2.2V
32k
IA
IB
7
µA
IM
7.5V
VREF
+
0.7V
ONE SHOT
200ns
OSC
R
R
S
Q
CSET
RSET
13
6
11
8
10
7
9
5
4
32
1
15
16
12
14
SS
OVP
IAC
VSENSE
EN/SYNC
MOUT ISENSE
CAOUT PKLIM
VCC
RUN
CA
RUN
1 6V
GND
+
GTDR
1248 BD
SYNC
M1
The LT
®1248 provides active power factor correction for
universal off-line power systems. By using fixed high
frequency PWM current averaging, without the need for
slope compensation, the LT1248 achieves far lower line
current distortion with a smaller magnetic element than
systems that use either peak-current detection or zero
current switching approaches in both continuous and
discontinuous modes of operation.
The LT1248 uses a multiplier containing a square gain
function from the voltage amplifier to reduce the AC gain
at light output load and thus maintains low line current
distortion and high system stability. The LT1248 also
provides filtering capability to reject line switching noise
which can cause instability when fed into the multiplier.
Line current dead zone is minimized with low bias voltage
at the current input to the multiplier.
The LT1248 provides many protection features including
peak current limiting and overvoltage protection, and can
be operated at frequencies as high as 300kHz.
s
High Power Factor Over Wide Load Range
with Line Current Averaging
s
International Operation Without Switches
s
Instantaneous Overvoltage Protection
s
Minimal Line Current Dead Zone
s
Typical 250
µA Start-Up Supply Current
s
Rejects Line Switching Noise
s
Synchronization Capability
s
Low Quiescent Current: 9mA
s
Fast 1.5A Peak Current Gate Driver
s
Universal Power Factor Corrected Power Supplies
s
Preregulators Up To 1500W
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
APPLICATIO S
BLOCK DIAGRA


Similar Part No. - LT1248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1248 LINER-LT1248 Datasheet
169Kb / 12P
   Power Factor Controller
LT1248 LINER-LT1248_15 Datasheet
169Kb / 12P
   Power Factor Controller
More results

Similar Description - LT1248

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com