Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1248 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1248
Description  Power Factor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1248 Datasheet(HTML) 3 Page - Linear Technology

  LT1248 Datasheet HTML 1Page - Linear Technology LT1248 Datasheet HTML 2Page - Linear Technology LT1248 Datasheet HTML 3Page - Linear Technology LT1248 Datasheet HTML 4Page - Linear Technology LT1248 Datasheet HTML 5Page - Linear Technology LT1248 Datasheet HTML 6Page - Linear Technology LT1248 Datasheet HTML 7Page - Linear Technology LT1248 Datasheet HTML 8Page - Linear Technology LT1248 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1248
IM
IAC (VAOUT – 2)
2
Note 2: Multiplier Gain Constant: K =
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. Maximum operating voltage (VMAX) = 25V, VCC = 18V, RSET = 15k to GND,
CSET = 1nF to GND, IAC = 100µA, ISENSE = 0V, CAOUT = 3.5V, VAOUT = 5V, OVP = 7.5V, no load on any outputs, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Amplifier
Current Amp Short-Circuit Current
CAOUT = 0V
q
514
30
mA
Input Range, ISENSE, MOUT (Linear Operation)
q
– 0.3
1
V
Reference
Reference Output Voltage
IREF = 0mA, TA = 25°C
7.39
7.50
7.60
V
VREF Load Regulation
– 5mA < IREF < 0mA
5
mV
VREF Line Regulation
11.5V < VCC < VMAX
q
–20
5
20
mV
VREF Short-Circuit Current
VREF = 0V
q
12
28
50
mA
VREF Worst Case
Load, Line, Temperature
q
7.32
7.5
7.68
V
Current Limit
PKLIM Offset Voltage
q
–15
15
mV
PKLIM Input Current
PKLIM = – 0.1V
q
– 50
– 100
µA
PKLIM to GTDR Propagation Delay
PKLIM Falling from 50mV to – 50mV
400
ns
Multiplier
Multiplier Output Current
IAC = 100µA, RSET = 15k
35
µA
Multiplier Output Current Offset
RAC = 1M from IAC to GND
q
– 0.05
– 0.5
µA
Multiplier Maximum Output Current
IAC = 450µA, RSET = 15k, VAOUT = 7V, MOUT = 0V
q
– 286
– 260
– 235
µA
Multiplier Gain Constant (Note 2)
0.035
V–2
IAC Input Resistance
IAC from 50µA to 1mA
15
32
50
k
Oscillator
Oscillator Frequency
RSET = 15k, CSET = 1000pF
q
85
100
115
kHz
RSET = 15k, CSET = 1500pF
q
58
68
78
kHz
CSET Ramp Peak-to-Peak Amplitude
4.35
4.7
5.0
V
CSET Ramp Valley Voltage
1.25
1.4
1.55
V
Synchronization Pulse Threshold on EN/SYNC Pin
Pulse Low = 3.5V, High = 7V, Width > 200ns
4.5
5.6
6.5
V
Synchronization Frequency Range
RSET = 15k, CSET = 1000pF
q
1.2
1.6
f NOM
Overvoltage Comparator
Comparator Trip Voltage Ratio (VTRIP/VREF)
q
1.04
1.05
1.06
Hysteresis
0.35
V
OVP Bias Current
OVP = 7.5V
q
– 50
– 250
nA
OVP Propagation Delay
100
ns
Gate Driver
Max GTDR Output Voltage
0mA Load, 18V < VCC
q
12
15
17.5
V
GTDR Output High
– 200mA Load, 11.5V
≤ VCC ≤ 15V
q
VCC – 3.0
V
GTDR Output Low (Device Unpowered)
VCC = 0V, 50mA Load (Sinking)
q
0.9
1.5
V
GTDR Output Low (Device Active)
200mA Load (Sinking)
q
0.5
1
V
10mA Load
q
0.2
0.4
V
Peak GTDR Current
10nF from GTDR to GND
2
A
GTDR Rise and Fall Time
1nF from GTDR to GND
25
ns
GTDR Max Duty Cycle
90
96
%


Similar Part No. - LT1248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1248 LINER-LT1248 Datasheet
169Kb / 12P
   Power Factor Controller
LT1248 LINER-LT1248_15 Datasheet
169Kb / 12P
   Power Factor Controller
More results

Similar Description - LT1248

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com