Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1248C Datasheet(PDF) 7 Page - Linear Technology

Part # LT1248C
Description  Power Factor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1248C Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1248C Datasheet HTML 3Page - Linear Technology LT1248C Datasheet HTML 4Page - Linear Technology LT1248C Datasheet HTML 5Page - Linear Technology LT1248C Datasheet HTML 6Page - Linear Technology LT1248C Datasheet HTML 7Page - Linear Technology LT1248C Datasheet HTML 8Page - Linear Technology LT1248C Datasheet HTML 9Page - Linear Technology LT1248C Datasheet HTML 10Page - Linear Technology LT1248C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1248
PI FU CTIO S
Pin 12 (RSET): A resistor from RSET to GND sets the
oscillator charging current and the maximum multiplier
output current which is used to limit the maximum line
current.
IM(MAX) = 3.75V/RSET
Pin 13 (SS): Soft-Start. When either VCC or EN/SYNC goes
low, the SS pin will stay at 0V. With a capacitor from the
pin to GND, the 12
µAchargingcurrentslowlybringsupthe
SS to 8V; below 7.5V SS is the reference input to the
voltage amplifier. At supply dropout or EN/SYNC low, the
soft start capacitor will be quickly discharged.
Pin 14 (CSET): The capacitor from this pin to GND, and
RSET, determine oscillator frequency. The oscillator ramp
is 5V, and the frequency = 1.5/(RSET • CSET).
Pin 15 (VCC): This is the supply for the chip. The LT1248
has a very fast gate driver required to fast charge high
power MOSFET gate capacitance. High current spikes
occur during charging. For good supply bypass, a 0.1
µF
ceramic capacitor in parallel with a low ESR electrolytic
capacitor, 56
µF or higher is required in close proximity to
IC GND.
Pin 16 (GTDR): The MOSFET gate driver is a 1.5A fast
totem pole output. It is clamped at 15V, but capacitive
loads like MOSFET gates may cause overshoot. A gate
series resistor of at least 5
Ω will prevent the overshoot.
IAC (µA)
0
300
150
0
1248 G04
250
500
VAOUT = 7V
VAOUT = 6.5V
VAOUT = 6V
VAOUT = 5.5V
VAOUT = 5V
VAOUT = 4.5V
VAOUT = 4V
VAOUT = 3.5V
VAOUT = 3V
VAOUT = 2.5V
Figure 1. Multiplier Current IM vs IAC and VAOUT
S
APPLICATI
I FOR ATIO
Multiplier
The multiplier is a current multiplier with high noise
immunity in a high power switching environment. The
current gain is: IM=(IAC• IEA2)/(200µA)2,with IEA=(VAOUT
– 2V)/25k. With a square function, because of the lower
gain at light power load, system stability is maintained and
line current distortion caused by the line frequency AC
Error Amplifier
The error amplifier has a 100dB DC gain and 3MHz unity-
gain frequency. The output is internally clamped at 13.5V.
The noninverting input is tied to the 7.5V VREF through a
diode and can be pulled down from the SS (soft-start) pin.
Current Amplifier
The current amplifier has a 110dB DC gain, 3MHz unity-
gain frequency, and a 2V/
µs slew rate. It is internally
clamped at 8.5V. Note that in the current averaging opera-
tion, high gain at twice the line frequency is necessary to
minimize line current distortion. Because CAOUT may need
to swing 5V over one line cycle at high line condition,
14mV AC will be needed at the inputs of the current
amplifier for a gain of 350 at 120Hz. Especially at light load
when the current loop reference signal is small, lower gain
will distort the reference signal and line current. If signal
gain at switching frequency is too high, the system be-
haves more like a current mode system and can cause
subharmonic oscillation. Therefore, the current amplifier
should be compensated to have a gain of less than 15 at
the switching frequency, but more than 250 at twice the
line frequency.


Similar Part No. - LT1248C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1248 LINER-LT1248 Datasheet
169Kb / 12P
   Power Factor Controller
LT1248 LINER-LT1248_15 Datasheet
169Kb / 12P
   Power Factor Controller
More results

Similar Description - LT1248C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com