Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63902-4900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63902-4900
Description  FineAdjust Applicator for Insulation OD 2.30-2.60mm - 18-24 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63902-4900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63902-4900 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63902-4900
Status:
Active
Description:
FineAdjust™ Applicator for Insulation OD 2.30-2.60mm - 18-24 AWG
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
884982706590
Physical
Net Weight
4985.196/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639024900, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638004900, TM-638004900CN,
TM-638004900DE, TM-638004900FR,
TM-638004900IT, TM-638004900JP,
TM-638004900MY, TM-638004900PL,
TM-638004900RU, TM-638004900SK,
TM-638004900SP, TM-638004900TH,
TM-638004900VN
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63902-4900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63902-4000 MOLEX-63902-4000 Datasheet
284Kb / 5P
   Fine Adjust Applicator for 2.80mm (.110) Crimp Terminal
10-23-12
63902-4200 MOLEX11-63902-4200 Datasheet
39Kb / 1P
   FineAdjust Applicator for 2.80mm (.110) Crimp Terminal, Male and Female Crimp
63902-4400 MOLEX11-63902-4400 Datasheet
39Kb / 1P
   FineAdjust Applicator for 2.80mm (.110) Crimp Terminal, Male and Female Crimp
63902-4400 MOLEX-63902-4400 Datasheet
283Kb / 5P
   Fine Adjust Applicator for 2.80mm (.110) Crimp Terminal, Male and Female Crimp Terminal
10-11-11
63902-4600 MOLEX11-63902-4600 Datasheet
50Kb / 1P
   FineAdjust Applicator for .093 Pin and Socket Terminals
More results

Similar Description - 63902-4900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639024900 MOLEX-0639024900 Datasheet
53Kb / 3P
   FineAdjust Applicator for Insulation OD 2.30-2.60mm - 18-24 AWG
11/15/2021
0639045200 MOLEX-0639045200 Datasheet
33Kb / 1P
   FineAdjust Applicator for Insulation Diameter OD 2.20-2.60mm, 18-24 AWG
08/25/2022
63912-4900 MOLEX11-63912-4900 Datasheet
42Kb / 1P
   T2 Terminator for insulation OD 2.30-2.60mm - 18-24 AWG
0639048000 MOLEX-0639048000 Datasheet
35Kb / 3P
   FineAdjust Applicator for Insulation OD 1.65-2.05mm, 18-24 AWG
08/25/2022
63901-5600 MOLEX11-63901-5600 Datasheet
39Kb / 1P
   FineAdjust Applicator for Insulation OD 1.90-2.30mm - 18-24 AWG
0639047800 MOLEX-0639047800 Datasheet
35Kb / 3P
   FineAdjust Applicator for Insulation OD 2.50-2.95mm, 18-24 AWG
08/25/2022
0639023900 MOLEX-0639023900 Datasheet
36Kb / 3P
   FineAdjust Applicator for Insulation OD 1.40-1.70mm - 18-24 AWG
08/26/2022
63900-2600 MOLEX11-63900-2600 Datasheet
50Kb / 1P
   FineAdjust Applicator for Insulation OD 2.50-2.95mm, 18-24 AWG Wire
63900-2900 MOLEX11-63900-2900 Datasheet
50Kb / 1P
   FineAdjust Applicator for Insulation OD 1.65-2.05mm, 18-24 AWG Wire
0639044600 MOLEX-0639044600 Datasheet
32Kb / 1P
   FineAdjust Applicator for Insulation Diameter OD 1.70-2.10mm, 18-24 AWG
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com