Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF15200CT-Y Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF15200CT-Y
Description  15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF15200CT-Y Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF15200CT-Y Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF15200CT-Y Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF15200CT-Y Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF15200CT-Y Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ORDER INFORMATION (EXAMPLE)
(TA=25°C unless otherwise noted)
Document Number: DS_D1405047
Version: B15
RATINGS AND CHARACTERISTICS CURVES
MBRF1545CT-Y - MBRF15200CT-Y
Taiwan Semiconductor
0
5
10
15
20
50
60
70
80
90
100 110 120 130 140 150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
25
50
75
100
125
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER LEG
8.3ms Single Half Sine Wave
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS PER LEG
TJ=75°C
TJ=125°C
TJ=25°C
MBRF1545CT-Y
MBRF1560CT-Y - 200CT-Y
0.01
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
PER LEG
TJ=125°C
Pulse Width=300μs
1% Duty Cycle
MBRF1545CT-Y
MBRF1560CT-Y
MBRF15100CT-Y -200CT-Y
TJ=25°C
MBRF15100CT‐YC0G
Green compound code
Packing code
Part no.


Similar Part No. - MBRF15200CT-Y

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
MBRF15200CT DSK-MBRF15200CT Datasheet
110Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
MBRF15200CT SMC-MBRF15200CT Datasheet
171Kb / 4P
   Low forward voltage drop
logo
SAMYANG ELECTRONICS CO....
MBRF15200CT SAMYANG-MBRF15200CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SMC Diode Solutions Co....
MBRF15200CT SMCDIODE-MBRF15200CT Datasheet
183Kb / 3P
   MBRF15200CT SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBRF15200CT-Y

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR1545CT-Y TSC-MBR1545CT-Y Datasheet
231Kb / 4P
   15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
MBRS2045CT-Y TSC-MBRS2045CT-Y Datasheet
243Kb / 4P
   20A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
   Dual Common Cathode Schottky Rectifiers
Revision: 13-Aug-13
SS10P3CL VISHAY-SS10P3CL_15 Datasheet
100Kb / 6P
   Dual Common Cathode Schottky Rectifiers
Revision: 14-Aug-13
logo
Taiwan Semiconductor Co...
TST10H45C TSC-TST10H45C Datasheet
522Kb / 5P
   10A, 45V Dual Common Cathode Trench Schottky Rectifier
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode Schottky Rectifiers
Revision: 19-May-08
logo
Taiwan Semiconductor Co...
TST30H45C TSC-TST30H45C Datasheet
523Kb / 5P
   30A, 45V Dual Common Cathode Trench Schottky Rectifier
TST20H45C TSC-TST20H45C Datasheet
523Kb / 5P
   20A, 45V Dual Common Cathode Trench Schottky Rectifier
logo
Central Semiconductor C...
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
   DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
logo
Thinki Semiconductor Co...
APT30S20BCT THINKISEMI-APT30S20BCT Datasheet
3Mb / 5P
   2*45A/200V Heatsink Dual Common Cathode Schottky Type Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com