Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF15100CT-Y Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF15100CT-Y
Description  15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF15100CT-Y Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF15100CT-Y Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF15100CT-Y Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF15100CT-Y Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF15100CT-Y Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
45
60
100
150
200
V
VRMS
31
42
70
105
140
V
VDC
45
60
100
150
200
V
IF(AV)
A
IRRM
1A
-
0.75
0.92
0.57
0.65
0.82
0.84
-
-
0.72
-
-
0.5
0.3
10
7.5
dV/dt
V/μs
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1405047
Version: B15
MBRF
15200
CT-Y
UNIT
MBRF
15150
CT-Y
MBRF15
150CT
-
-
0.92
0.95
Marking code
MBRF15
45CT
MBRF15
60CT
MBRF15
100CT
MBRF15
200CT
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
0.5
0.1
Typical thermal resistance
3.5
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
mA
5
Voltage rate of change (Rated VR)
10000
Maximum reverse current @ rated VR
TJ=25 °C
TJ=125 °C
IR
V
Maximum instantaneous forward voltage (Note 2)
IF= 7.5 A, TJ=25°C
IF= 7.5 A, TJ=125°C
IF= 15 A, TJ=25°C
IF= 15 A, TJ=125°C
VF
A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Peak repetitive reverse surge current (Note 1)
Maximum DC blocking voltage
Maximum average forward rectified current
15
Peak repetitive forward current
(Rated VR, Square Wave, 20KHz)
IFRM
15
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Mounting torque:
5 in-lbs maximum
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
MBRF
1545
CT-Y
MBRF
1560
CT-Y
MBRF
15100
CT-Y
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
ITO-220AB
Polarity:
As marked
MBRF1545CT-Y - MBRF15200CT-Y
15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
FEATURES
ITO-220AB
Taiwan Semiconductor


Similar Part No. - MBRF15100CT-Y

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF15100CT TSC-MBRF15100CT Datasheet
117Kb / 2P
   Isolation 15.0 AMPS. Schottky Barrier Rectifiers
MBRF15100CT TSC-MBRF15100CT Datasheet
333Kb / 2P
   Isolated 15.0 AMPS. Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBRF15100CT BILIN-MBRF15100CT Datasheet
336Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF15100CT TSC-MBRF15100CT Datasheet
192Kb / 2P
   15.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF15100CT LUGUANG-MBRF15100CT Datasheet
264Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - MBRF15100CT-Y

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR1545CT-Y TSC-MBR1545CT-Y Datasheet
231Kb / 4P
   15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
MBRS2045CT-Y TSC-MBRS2045CT-Y Datasheet
243Kb / 4P
   20A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
   Dual Common Cathode Schottky Rectifiers
Revision: 13-Aug-13
SS10P3CL VISHAY-SS10P3CL_15 Datasheet
100Kb / 6P
   Dual Common Cathode Schottky Rectifiers
Revision: 14-Aug-13
logo
Taiwan Semiconductor Co...
TST10H45C TSC-TST10H45C Datasheet
522Kb / 5P
   10A, 45V Dual Common Cathode Trench Schottky Rectifier
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode Schottky Rectifiers
Revision: 19-May-08
logo
Taiwan Semiconductor Co...
TST30H45C TSC-TST30H45C Datasheet
523Kb / 5P
   30A, 45V Dual Common Cathode Trench Schottky Rectifier
TST20H45C TSC-TST20H45C Datasheet
523Kb / 5P
   20A, 45V Dual Common Cathode Trench Schottky Rectifier
logo
Central Semiconductor C...
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
   DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
logo
Thinki Semiconductor Co...
APT30S20BCT THINKISEMI-APT30S20BCT Datasheet
3Mb / 5P
   2*45A/200V Heatsink Dual Common Cathode Schottky Type Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com