Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S30A-13UR-XX Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-S30A-13UR-XX
Description  7.62mm (0.3) Single digit Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S30A-13UR-XX Datasheet(HTML) 3 Page - BetLux Electronics

  BL-S30A-13UR-XX Datasheet HTML 1Page - BetLux Electronics BL-S30A-13UR-XX Datasheet HTML 2Page - BetLux Electronics BL-S30A-13UR-XX Datasheet HTML 3Page - BetLux Electronics BL-S30A-13UR-XX Datasheet HTML 4Page - BetLux Electronics BL-S30A-13UR-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S30X-13
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-S30A-13UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S30A-13UR BETLUX-BL-S30A-13UR Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S30A-13UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S30A-15 BETLUX-BL-S30A-15 Datasheet
327Kb / 5P
   7.62mm (0.3) Single digit Seven Segment LED display series
BL-S30A-12 BETLUX-BL-S30A-12 Datasheet
262Kb / 5P
   7.62mm (0.3) Single digit Seven Segment LED display series
BL-S30A-14 BETLUX-BL-S30A-14 Datasheet
303Kb / 5P
   7.62mm (0.3) Single digit Seven Segment LED display series
BL-S30C-15 BETLUX-BL-S30C-15 Datasheet
327Kb / 5P
   7.62mm (0.3) Single digit Seven Segment LED display series
BL-S30I-11 BETLUX-BL-S30I-11 Datasheet
595Kb / 10P
   7.8mm (0.3) Single digit Seven Segment LED display series
BL-S30C-11 BETLUX-BL-S30C-11 Datasheet
306Kb / 5P
   7.8mm (0.3) Single digit Seven Segment LED display series
BL-S30E-11 BETLUX-BL-S30E-11 Datasheet
305Kb / 5P
   7.8mm (0.3) Single digit Seven Segment LED display series
BL-S30G-11 BETLUX-BL-S30G-11 Datasheet
307Kb / 5P
   7.8mm (0.3) Single digit Seven Segment LED display series
BL-S30A-11 BETLUX-BL-S30A-11 Datasheet
310Kb / 5P
   7.8mm (0.3) Single digit Seven Segment LED display series
logo
LUMEX INC.
LDD-C302NI LUMEX-LDD-C302NI Datasheet
58Kb / 1P
   0.3 DUAL DIGIT, SEVEN SEGMENT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com