Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S39A-13UR-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-S39A-13UR-XX
Description  9.9mm (0.39) Single digit Seven Segment LED display series, ALPHA-NUMERIC TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S39A-13UR-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-S39A-13UR-XX Datasheet HTML 1Page - BetLux Electronics BL-S39A-13UR-XX Datasheet HTML 2Page - BetLux Electronics BL-S39A-13UR-XX Datasheet HTML 3Page - BetLux Electronics BL-S39A-13UR-XX Datasheet HTML 4Page - BetLux Electronics BL-S39A-13UR-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S39X-13
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
1.8g/pcs
Maximum
180pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-S39A-13UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S39A-13UR BETLUX-BL-S39A-13UR Datasheet
121Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S39A-13UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S39A-11 BETLUX-BL-S39A-11 Datasheet
307Kb / 5P
   9.9mm (0.39) Single digit Seven Segment LED display series
BL-S39C-11 BETLUX-BL-S39C-11 Datasheet
307Kb / 5P
   9.9mm (0.39) Single digit Seven Segment LED display series
BL-S200A-11 BETLUX-BL-S200A-11 Datasheet
357Kb / 5P
   50.80mm (2.0) Single digit Seven Segment LED display series, ALPHA-NUMERIC TYPE
BL-S200C-11 BETLUX-BL-S200C-11 Datasheet
335Kb / 5P
   50.80mm (2.0) Single digit Seven Segment LED display series, ALPHA-NUMERIC TYPE
BL-S80A-13 BETLUX-BL-S80A-13 Datasheet
315Kb / 5P
   20.32mm (0.80) Single digit Seven Segment LED display series, ALPHA-NUMERIC TYPE
BL-S150A-12 BETLUX-BL-S150A-12 Datasheet
316Kb / 5P
   38.10mm (1.5) Single digit Seven Segment LED display series, ALPHA-NUMERIC TYPE
logo
SunLED Corporation
DUG08A-A SUNLED-DUG08A-A Datasheet
186Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUR08C SUNLED-DUR08C Datasheet
186Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DMR08C-A SUNLED-DMR08C-A Datasheet
185Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DMR08A-A SUNLED-DMR08A-A Datasheet
185Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com