Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-SE1200A Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-SE1200A
Description  312.0mm (12.0) numeric segment series, BIG SEGMENT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-SE1200A Datasheet(HTML) 3 Page - BetLux Electronics

  BL-SE1200A Datasheet HTML 1Page - BetLux Electronics BL-SE1200A Datasheet HTML 2Page - BetLux Electronics BL-SE1200A Datasheet HTML 3Page - BetLux Electronics BL-SE1200A Datasheet HTML 4Page - BetLux Electronics BL-SE1200A Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE1200X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.
C ircu it of DP


Similar Part No. - BL-SE1200A

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-SE1200A-11B BETLUX-BL-SE1200A-11B Datasheet
81Kb / 5P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE1200A-11D-0 BETLUX-BL-SE1200A-11D-0 Datasheet
81Kb / 5P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE1200A-11D-1 BETLUX-BL-SE1200A-11D-1 Datasheet
81Kb / 5P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE1200A-11D-10 BETLUX-BL-SE1200A-11D-10 Datasheet
81Kb / 5P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE1200A-11D-11 BETLUX-BL-SE1200A-11D-11 Datasheet
81Kb / 5P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
More results

Similar Description - BL-SE1200A

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-SE500A BETLUX-BL-SE500A Datasheet
2Mb / 5P
   127.0mm (5.0) numeric segment series, BIG SEGMENT DISPLAY
BL-SE1000A BETLUX-BL-SE1000A Datasheet
942Kb / 5P
   254.0mm (10.0) numeric segment series, BIG SEGMENT DISPLAY
BL-SE800A BETLUX-BL-SE800A Datasheet
2Mb / 5P
   204.0mm (8.0) numeric segment series, BIG SEGMENT DISPLAY
BL-SE700A BETLUX-BL-SE700A Datasheet
356Kb / 7P
   176mm (7.0) numeric segment series, BIG SEGMENT DISPLAY
BL-SE1600A BETLUX-BL-SE1600A Datasheet
345Kb / 5P
   406.4mm (16.0) numeric segment series, BIG SEGMENT DISPLAY
BL-SE1600A-11S BETLUX-BL-SE1600A-11S Datasheet
158Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SEC1200A BETLUX-BL-SEC1200A Datasheet
100Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE500A-11S BETLUX-BL-SE500A-11S Datasheet
150Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE800A-11S BETLUX-BL-SE800A-11S Datasheet
152Kb / 4P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
BL-SE1000A-11S BETLUX-BL-SE1000A-11S Datasheet
193Kb / 5P
   LED NUMERIC DISPLAY, BIG SEGMENT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com