Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1236AIS8-10 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1236AIS8-10
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236AIS8-10 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1236AIS8-10 Datasheet HTML 4Page - Linear Technology LT1236AIS8-10 Datasheet HTML 5Page - Linear Technology LT1236AIS8-10 Datasheet HTML 6Page - Linear Technology LT1236AIS8-10 Datasheet HTML 7Page - Linear Technology LT1236AIS8-10 Datasheet HTML 8Page - Linear Technology LT1236AIS8-10 Datasheet HTML 9Page - Linear Technology LT1236AIS8-10 Datasheet HTML 10Page - Linear Technology LT1236AIS8-10 Datasheet HTML 11Page - Linear Technology LT1236AIS8-10 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1236
TYPICAL APPLICATIONS
Boosted Output Current
with No Current Limit
LT1236
OUT
V+
≥ (VOUT + 1.8V)
GND
IN
LT1236 TA05
+
2N2905
10V AT
100mA
2
µF
SOLID
TANT
R1
220
Boosted Output Current
with Current Limit
LT1236
OUT
GND
IN
LT1236 TA06
+
2N2905
10V AT
100mA
2
µF
SOLID
TANT
D1*
LED
V+
≥ VOUT + 2.8V
8.2
R1
220
GLOWS IN CURRENT LIMIT,
DO NOT OMIT
*
LT1236 TA17
LT1236-10
GND
+10V
15V
VOUT
VIN
LT1236-10
GND
–10V
–15V
VOUT
VIN
COM
ILOAD
R1
–15V
R1
=
–10V
ILOAD + 1.5mA
±10V Output Reference
LT1236-10
OUT
GND
IN
LT1236 TA07
RL
30mA
15V
R1*
169
VOUT
10V
TYPICAL LOAD
CURRENT = 30mA
SELECT R1 TO DELIVER TYPICAL LOAD CURRENT.
LT1236 WILL THEN SOURCE OR SINK AS NECESSARY
TO MAINTAIN PROPER OUTPUT. DO NOT REMOVE LOAD
AS OUTPUT WILL BE DRIVEN UNREGULATED HIGH. LINE
REGULATION IS DEGRADED IN THIS APPLICATION
*
Operating 5V Reference from 5V Supply
Handling Higher Load Currents
LT1236-5
OUT
IN
GND
LT1236 TA15
+
+
1N914
1N914
≈8.5V
C2*
5
µF
C1*
5
µF
5V
REFERENCE
5V LOGIC
SUPPLY
CMOS LOGIC GATE**
fIN ≥ 2kHz*
FOR HIGHER FREQUENCIES C1 AND C2 MAY BE DECREASED
PARALLEL GATES FOR HIGHER REFERENCE CURRENT LOADING
*
**
LT1236-10
TRIM
GND
OUT
LT1236 TA14
+
1.2k
R2
40.2
1%
R1
4.99k
1%
REF
CMOS
DAC
LTC7543
IOUT
FB
30pF
LT1007C
R4*
100
FULL-SCALE
ADJUST
R3
4.02K
1%
10V
F.S.
–15V
TC LESS THAN 200ppm/
°C
NO ZERO ADJUST REQUIRED
WITH LT1007 (V0S ≤ 60µV)
*
**
CMOS DAC with Low Drift Full-Scale Trimming**
Trimming 10V Units to 10.24V
LT1236-10
OUT
IN
TRIM
GND
4.32k
VOUT = 10.24V
VIN
5k
V
= –15V*
*MUST BE WELL REGULATED
dVOUT
dV
=
15mV
V
LT1236 TA11


Similar Part No. - LT1236AIS8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1236AILS8-5 LINER-LT1236AILS8-5 Datasheet
232Kb / 16P
   Precision, Low Noise, Low Profile Hermetic Voltage Reference
More results

Similar Description - LT1236AIS8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com