Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1251 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1251
Description  40MHz Video Fader and DC Gain Controlled Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1251 Datasheet(HTML) 3 Page - Linear Technology

  LT1251_15 Datasheet HTML 1Page - Linear Technology LT1251_15 Datasheet HTML 2Page - Linear Technology LT1251_15 Datasheet HTML 3Page - Linear Technology LT1251_15 Datasheet HTML 4Page - Linear Technology LT1251_15 Datasheet HTML 5Page - Linear Technology LT1251_15 Datasheet HTML 6Page - Linear Technology LT1251_15 Datasheet HTML 7Page - Linear Technology LT1251_15 Datasheet HTML 8Page - Linear Technology LT1251_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LT1251/LT1256
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain Supply Rejection
VC = 1.25V, VS = ±5V to ±15V
q
0.03
0.10
%/V
External Resistor Gain
Pins 5,10 = Open, External 5k Resistors
q
45
55
%
50% Input 1
from Pins 4,11 to Ground, VC = 1.25V
SR
Slew Rate
VIN = ±2.5V, VO at ±2V, RL = 150Ω
q
150
300
V/
µs
Control Feedthrough
VC = 1.25VDC + 2.5VP-P at 1kHz
2.5
mVP-P
Full Power Bandwidth
VO = 1VRMS
20
MHz
BW
Small-Signal Bandwidth
VS = ±5V
30
MHz
VS = ±15V
40
MHz
Differential Gain (Notes 4,5)
Control = 0% or 100%
0.02
%
Control = 25% or 75%
0.90
%
Differential Phase (Notes 4,5)
Control = 0% or 100%
0.02
DEG
Control = 25% or 75%
0.55
DEG
THD
Total Harmonic Distortion
Gain = 100%
0.002
%
Gain = 50%
0.015
%
Gain = 10%
0.4
%
tr, tf
Rise Time, Fall Time
10% to 90%, VO = 100mV
11
ns
OS
Overshoot
VO = 100mV
3
%
tPD
Propagation Delay
VO = 100mV
10
ns
tS
Settling Time
0.1%,
∆VO = 2V
65
ns
SIG AL A PLIFIER AC CHARACTERISTICS
0
°C ≤ TA ≤ 70°C, VS = ±5V, VIN = 1VRMS, f = 1kHz, AVMAX = 1, RF1 = RF2 = 1.5k, VFS = 2.5V, IC = IFS = NULL = Open, Pins 5,10 = GND,
unless otherwise noted.
SIG AL A PLIFIER DC CHARACTERISTICS
0
°C ≤ TA ≤ 70°C, VS = ±5V, VCM = 0V, VFS = 2.5V, IC = IFS = NULL = Open, Pins 5,10 = GND, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Either Input
q
25
mV
Difference Between Inputs
q
–3
1
3
mV
Input Offset Voltage Drift
10
µV/°C
IIN
+
Noninverting Input Bias Current
Either Input
q
– 2.5
0.5
2.5
µA
IIN–
Inverting Input Bias Current
Either Input
q
–30
10
30
µA
Difference Between Inputs
q
– 1
0.5
1
µA
Inverting Input Bias Current Null Change
Null (Pin 6) Open to V
q
– 280
– 170
– 60
µA
en
Input Noise Voltage Density
f = 1kHz
2.7
nV/
√Hz
+in
Noninverting Input Noise Current Density
f = 1kHz
1.5
pA/
√Hz
–in
Inverting Input Noise Current Density
f = 1kHz
29
pA/
√Hz
RIN
Input Resistance
Either Noninverting Input
q
517
M
CIN
Input Capacitance
Either Noninverting Input
q
1.5
pF
Input Voltage Range
VS = ±5V
q
±3
±3.2
V
VS = 5V
q
2
3
V
CMRR
Common Mode Rejection Ratio
VCM = – 3V to 3V
q
55
61
dB
VS = 5V, VCM = 2V to 3V, VO = 2.5V
q
50
57
dB
Inverting Input Current Common Mode Rejection
VCM = – 3V to 3V
q
0.07
0.25
µA/V
VS = 5V, VCM = 2V to 3V, VO = 2.5V
q
0.17
0.70
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
70
76
dB
Noninverting Input Current Power Supply Rejection
VS = ±5V to ±15V
q
30
100
nA/V
Inverting Input Current Power Supply Rejection
VS = ±5V to ±15V
q
30
200
nA/V


Similar Part No. - LT1251_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT12512-15E ETC1-LT12512-15E Datasheet
192Kb / 2P
   2:1 or 4:1 Wide input, Triple Outputs
logo
Linear Technology
LT1251CN LINER-LT1251CN Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1251CS LINER-LT1251CS Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
More results

Similar Description - LT1251_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
   Video Gain Control/Fader/Multiplexer
logo
Intersil Corporation
EL4095 INTERSIL-EL4095 Datasheet
767Kb / 19P
   Video Gain Control/Fader/Multiplexer
logo
Elantec Semiconductor
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
   Video Fader
logo
Intersil Corporation
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
   Video Fader
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com