Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA0005E Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # LA0005E
Description  Linear Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

LA0005E Datasheet(HTML) 2 Page - Solid States Devices, Inc

  LA0005E_15 Datasheet HTML 1Page - Solid States Devices, Inc LA0005E_15 Datasheet HTML 2Page - Solid States Devices, Inc LA0005E_15 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: LA0005E
DOC
ELECTRICAL CHARACTERISTICS3/
Symbol
Min
Typ
Max
Unit
Reference Voltage
V=5V, IOUT=10mA
10mA≤ IOUT≤IMAX, 3V≤∆V≤40V, P≤PMAX
25
*
VREF
1.238
1.225
1.250
1.250
1.262
1.270
V
Line Regulation4/
(3V≤∆V≤40V)
25
*
∆VOUT
∆VIN
--
--
0.005
0.01
0.010
0.02
%/V
Load Regulation4/
(10mA≤ IOUT≤IMAX)
VOUT ≤ 5V
VOUT ≥ 5V
VOUT ≤ 5V
VOUT ≥ 5V
25
25
*
*
∆VOUT
--
--
--
--
5
0.1
20
0.3
15
0.3
50
1.0
mV
%
mV
%
Thermal Regulation
20 msec Pulse
25
--
.002
.02
%/W
Ripple Rejection
VOUT = 10V, f = 120Hz
CADJ = 0 µF
CADJ = 10µF
25
25
--
66
65
80
--
--
dB
Adjust Pin Current
*
IADJ
--
50
100
A
Adjust Pin Current Change
10mA≤ IOUT≤IMAX, 2.5V≤∆V≤40V
*
∆ IADJ
--
0.2
5
A
Minimum Load Current
∆V≤40V
*
--
3.5
5.0
mA
Temperature Stability
-55°C≤TJ≤+150°C
*
∆VOUT
∆T
--
1
2
%
Long Term Stability
125
∆VOUT
∆Vtime
--
0.3
1.0
%
RMS Output Noise
(% of VOUT)
10Hz ≤ f ≤ 10kHz
25
en
--
0.001
--
%
Thermal Resistance
Junction to Case
Packages J, M, and Z
Packages G, S.5, and S1
RθJC
--
--
--
--
4.0
2.5
°C/W
Cerpack (G)
SMD.5 (S.5)
Notes: *Full Temperature Range
1/ For ordering information, price, operating curves, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, these specifications apply: ∆V = 5V and IOUT = 0.5A. Power dissipation is internally limited. However, these
specifications apply for power dissipation up to 20W, IMAX = 1.5A.
4/ Testing is done using a pulsed low duty cycle technique.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SVR117A Series


Similar Part No. - LA0005E_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0005E SSDI-LA0005E Datasheet
205Kb / 3P
   Linear Voltage Regulator
More results

Similar Description - LA0005E_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0005E SSDI-LA0005E Datasheet
205Kb / 3P
   Linear Voltage Regulator
LA0011B SSDI-LA0011B_15 Datasheet
189Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
LM3480-5 SS-LM3480-5 Datasheet
1Mb / 5P
   Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
   Linear Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com