Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1785 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1785
Description  60V Fault Protected RS485/RS422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1785 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1785_15 Datasheet HTML 5Page - Linear Technology LT1785_15 Datasheet HTML 6Page - Linear Technology LT1785_15 Datasheet HTML 7Page - Linear Technology LT1785_15 Datasheet HTML 8Page - Linear Technology LT1785_15 Datasheet HTML 9Page - Linear Technology LT1785_15 Datasheet HTML 10Page - Linear Technology LT1785_15 Datasheet HTML 11Page - Linear Technology LT1785_15 Datasheet HTML 12Page - Linear Technology LT1785_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT1785/LT1785A/
LT1791/LT1791A
9
178591fd
For more information www.linear.com/LT1785
LT1785 Transmitting
INPUTS
OUTPUTS
RE
DE
DI
A
B
RO
0
1
0
0
1
0
0
1
1
1
0
1
1
0
X
Hi-Z
Hi-Z
Hi-Z
1
1
0
0
1
Hi-Z
1
1
1
1
0
Hi-Z
LT1785 Receiving
INPUTS
OUTPUT
RE
DE
DI
A-B
RO
0
0
X
≤ –200mV
0
0
0
X
≥ 200mV*
1
0
0
X
Open
1**
1
0
X
X
Hi-Z
* ≥ 0mV for LT1785A
** 1 for LT1785A; 1 or 0 for LT1785
LT1791
INPUTS
OUTPUTS
RE
DE
DI
A-B
Y
Z
RO
0
0
X
≤ –200mV
Hi-Z
Hi-Z
0
0
0
X
≥ 200mV*
Hi-Z
Hi-Z
1
0
0
X
Open
Hi-Z
Hi-Z
1**
0
1
0
≤ –200mV
0
1
0
0
1
0
≥ 200mV*
0
1
1
0
1
0
Open
0
1
1**
0
1
1
≤ –200mV
1
0
0
0
1
1
≥ 200mV*
1
0
1
0
1
1
Open
1
0
1**
1
0
X
X
Hi-Z
Hi-Z
Hi-Z
1
1
0
X
0
1
Hi-Z
1
1
1
X
1
0
Hi-Z
* ≥ 0mV for LT1791A
** 1 for LT1791A; 1 or 0 for LT1791
FuncTion Tables


Similar Part No. - LT1785_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
More results

Similar Description - LT1785_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com