Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1801 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1801
Description  Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1801_15 Datasheet HTML 4Page - Linear Technology LT1801_15 Datasheet HTML 5Page - Linear Technology LT1801_15 Datasheet HTML 6Page - Linear Technology LT1801_15 Datasheet HTML 7Page - Linear Technology LT1801_15 Datasheet HTML 8Page - Linear Technology LT1801_15 Datasheet HTML 9Page - Linear Technology LT1801_15 Datasheet HTML 10Page - Linear Technology LT1801_15 Datasheet HTML 11Page - Linear Technology LT1801_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1801/LT1802
8
18012fc
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS TC
Input Offset Voltage Drift (Note 8)
l
1.5
5
μV/°C
IB
Input Bias Current
VCM = VS– + 1V
VCM = VS+ – 0.2V
l
l
50
450
400
2250
nA
nA
Input Bias Current Match
(Channel-to-Channel) (Note 9)
VCM = VS– + 1V
VCM = VS+ – 0.2V
l
l
25
25
450
700
nA
nA
IOS
Input Offset Current
VCM = VS– + 1V
VCM = VS+ – 0.2V
l
l
25
25
350
350
nA
nA
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
VO = –1V to 1V, RL = 100Ω
l
l
12.5
2
55
5
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = VS– to 3.5V
l
81
104
dB
CMRR Match (Channel-to-Channel) (Note 9) VCM = VS– to 3.5V
l
75
104
dB
Input Common Mode Range
l
VS–
VS+
V
PSRR
Power Supply Rejection Ratio
VS+ = 2.5V to 10V, VS– = 0V
l
73
90
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS+ = 2.5V to 10V, VS– = 0V
l
67
90
dB
VOL
Output Voltage Swing Low (Note 7)
No Load
ISINK = 5mA
ISINK = 10mA
l
l
l
20
110
180
100
275
400
mV
mV
mV
VOH
Output Voltage Swing High (Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 10mA
l
l
l
30
150
300
110
350
700
mV
mV
mV
ISC
Short-Circuit Current
l
12.5
30
mA
IS
Supply Current per Amplifier
l
2.6
4.5
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
l
65
MHz
SR
Slew Rate
AV = – 1, RL = 1k, VO = ±4V,
Measured at VO = ±2V
l
15
V/μs
The
l denotes the specifications which apply over the temperature range
of – 40°C < TA < 85°C. VS = ±5V, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 5)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less than
10mA. It is not 100% tested.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT1801C/LT1801I and LT1802C/LT1802I are guaranteed
functional over the temperature range of – 40°C to 85°C.
Note 5: The LT1801C/LT1802C are guaranteed to meet specified
performance from 0°C to 70°C. The LT1801C/LT1802C are designed,
characterized and expected to meet specified performance from
–40°C to 85°C but are not tested or QA sampled at these temperatures.
The LT1801I/LT1802I are guaranteed to meet specified performance from
–40°C to 85°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
Note 9: Matching parameters are the difference between amplifiers A
and D and between B and C on the LT1802; between the two amplifiers
on the LT1801.
Note 10: Thermal resistance (θJA) varies with the amount of PC board
metal connected to the package. The specified values are for short
traces connected to the leads. If desired, the thermal resistance can be
substantially reduced by connecting Pin 4 of the SO-8 and MS8, Pin 11 of
the SO-14 or the underside metal of the DD package to a larger metal area
(VS– trace).


Similar Part No. - LT1801_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1801CDD LINER-LT1801CDD Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801CMS8 LINER-LT1801CMS8 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801CS8 LINER-LT1801CS8 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801IDD LINER-LT1801IDD Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801IMS8 LINER-LT1801IMS8 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT1801_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com