Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4256-3 Datasheet(PDF) 4 Page - Linear Technology

Part # LT4256-3
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-3 Datasheet(HTML) 4 Page - Linear Technology

  LT4256-3_15 Datasheet HTML 1Page - Linear Technology LT4256-3_15 Datasheet HTML 2Page - Linear Technology LT4256-3_15 Datasheet HTML 3Page - Linear Technology LT4256-3_15 Datasheet HTML 4Page - Linear Technology LT4256-3_15 Datasheet HTML 5Page - Linear Technology LT4256-3_15 Datasheet HTML 6Page - Linear Technology LT4256-3_15 Datasheet HTML 7Page - Linear Technology LT4256-3_15 Datasheet HTML 8Page - Linear Technology LT4256-3_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT4256-3
4
42563fa
TYPICAL PERFOR A CE CHARACTERISTICS
GATE Pull-Up Current
vs Temperature
GATE Pull-Down Current
vs Temperature
TIMER Currents vs VCC
TIMER Currents vs Temperature
TEMPERATURE (
°C)
–50
–40
–35
–30
–20
0
–25
025
50
42563 G04
75
100
–10
–25
–5
–15
32
µA @ 25°C
TEMPERATURE (
°C)
–50
56
57
58
60
63
–25
025
50
42563 G05
75
100
62
59
61
VGATE – VOUT Voltage
vs Temperature
TEMPERATURE (
°C)
–50
10.0
10.5
11.0
12.0
14.0
–25
025
50
42563 G07
75
100
13.0
13.5
11.5
12.5
VCC = 80V
VCC = 48V
VCC = 20V
VCC (V)
10
0
2.5
5.0
40
60
42563 G09
–80
–100
20
30
50
70
80
–120
–140
PULL-UP CURRENT
PULL-DOWN CURRENT
TIMER Shutdown Threshold
vs Temperature
TEMPERATURE (
°C)
–50
0
4.2
4.4
4.8
5.4
–25
025
50
42563 G10
75
100
5.2
4.6
5.0
Specifications are at TA = 25°C unless otherwise noted.
GATE Pull-Down Capability vs VCC
Below Minimum Operating Voltage
VCC (V)
0
0
10
20
30
40
60
2
46
8
42563 G17
10
12
50
VGATE – VOUT Voltage
vs Temperature
TEMPERATURE (
°C)
–50
0
2
4
8
14
–25
025
50
42563 G06
75
100
12
6
10
VCC = 10.8V
VCC = 12V
VCC = 18V
UV Current vs UV Voltage
VUV (V)
0123
4
–1.4
–1.2
–0.8
–0.6
–0.4
40
0.4
42563 G18
–1.0
10
20
30
50
–0.2
0
0.2
TEMPERATURE (
°C)
–50
–140
–120
–100
–80
0
5.0
–25
025
50
42563 G08
75
100
2.5
PULL-UP CURRENT
PULL-DOWN CURRENT


Similar Part No. - LT4256-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4256-3CGN LINER-LT4256-3CGN Datasheet
305Kb / 20P
   Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LT4256-3IGN LINER-LT4256-3IGN Datasheet
305Kb / 20P
   Positive High Voltage Hot Swap Controller with Open-Circuit Detect
More results

Similar Description - LT4256-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4254 LINER-LT4254 Datasheet
253Kb / 16P
   Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LT4254 LINER-LT4254_15 Datasheet
237Kb / 16P
   Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LT4256-3 LINER-LT4256-3 Datasheet
305Kb / 20P
   Positive High Voltage Hot Swap Controller with Open-Circuit Detect
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
   Positive High Voltage Hot Swap Controller
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587 Datasheet
536Kb / 16P
   Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587 MICREL-MIC2587_13 Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
logo
Linear Technology
LTC4260 LINER-LTC4260_15 Datasheet
300Kb / 30P
   Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
LTC4260 LINER-LTC4260 Datasheet
251Kb / 28P
   Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com