Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5506 Datasheet(PDF) 10 Page - Linear Technology

Part # LT5506
Description  40MHz to 500MHz Quadrature Demodulator with VGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5506 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT5506_15 Datasheet HTML 4Page - Linear Technology LT5506_15 Datasheet HTML 5Page - Linear Technology LT5506_15 Datasheet HTML 6Page - Linear Technology LT5506_15 Datasheet HTML 7Page - Linear Technology LT5506_15 Datasheet HTML 8Page - Linear Technology LT5506_15 Datasheet HTML 9Page - Linear Technology LT5506_15 Datasheet HTML 10Page - Linear Technology LT5506_15 Datasheet HTML 11Page - Linear Technology LT5506_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT5506
10
5506fa
APPLICATIO S I FOR ATIO
which can occur during the gain settling. It also helps to
reduce the high frequency spectral content at the I/Q
outputs during overload. The second order integrated
lowpass filters are used for filtering the down-converted
baseband signals for both the I channel and the Q channel.
They serve as antialiasing and pulse-shaping filters. The
I/Q filters are well matched in gain response and group
delay. The 3dB corner frequency is typically 8.8MHz with
a group delay ripple of 5ns. The I/Q outputs can drive 2k
in parallel with a maximum capacitive loading of 10pF,
from all four pins to ground. The outputs are internally
biased at VCC – 1.19V. Figure 5 shows the simplified
output circuit schematic of the I channel or Q channel.
The I/Q baseband outputs can be DC-coupled to the inputs
of a baseband chip. For AC-coupled applications with large
capacitors, the STBY pin can be used to pre-bias the
outputs to nominal VCC – 1.19V at much reduced current.
This mode draws only 3.6mA supply current. When the EN
pin is then driven high (>1V), the chip is quickly switched
to normal operating mode, avoiding the introduction of
large charging time constants. Table 2 shows the logic of
Table 2. The Logic of Different Operating Modes
EN
STBY
Comments
Low
Low
Shutdown Mode
Low
High
Standby Mode
High
Low or High
Normal Operation Mode
Figure 5. Simplified Circuit Schematic of I Channel
(or Q Channel) Outputs and STBY (or EN) Input
300
µA
300
µA
VCC
I CHANNEL (OR
Q CHANNEL):
DIFFERENTIAL
SIGNALS
FROM LPF
IOUT
+
(OR QOUT
+)
IOUT
(OR QOUT
)
5506 F05
STBY
(OR EN)
VCC
22k
the EN pin and STBY pin. In both normal operating mode
and standby mode, the maximum discharging current is
about 300
µA, and the maximum charging current is more
than 4mA. In Figure 5 the simplified circuit schematic of
the STBY (or EN) input is shown.
Figure 6. Evaluation Circuit Schematic with I/Q Output Buffers
+
1
2
3
4
12
11
10
9
STBY
2XLO+
2XLO
EN
GND
IF+
IF
GND
U1
LT5506
T1, 1:4,TR-R
JTX-4-10T
MINI-CIRCUITS
IFIN
R48
3.09k
R47
49.9
R51
100
C32
2.2pF
R40
3.09k
C29
2.2pF
R52
240
R36
20k
R35
20k
C34
0.1
µF
C35
4.7
µF
C38
0.1
µF
C37
0.1
µF
SW1
1 = EN
2 = STBY
1
6
1
6
+
C45
22nF
7
7
6
6
4
4
3
2
3
2
J1
IOUT
IOUT
+ I
OUT
Q
OUT
+ Q
OUT
IOUT
+ I
OUT
Q
OUT
+ Q
OUT
QOUT
J3
J4
C22
1
µF
C33
0.1
µF
C31
1
µF
R44
49.9
J2
C30
1
µF
U3
LT1809CS
U2
LT1809CS
VCC1
VCC2
VCTRL
VCC VCTRL
VCC
C26
1.8pF
C25
1.5pF
C16
1nF
C15
1nF
C39
1
µF
VCC3
C36
4.7
µF
R46
3.09k
R45
1k
C28
0.1
µF
R42
2k
R49
2k
R39
3.09k
R41
1k
R50
2k
C27
0.1
µF
R43
2k
2XLO
OVERLOAD
IF
DET
16
15
14
13
5
6
7
8
0
GND
NOTE: OUTPUT BUFFERS U2 AND U3 WITH ASSOCIATED
COMPONENTS ARE INCLUDED FOR MEASUREMENT PURPOSES ONLY.
BOARD NUMBER: DC468A (NARROW-BAND VERSION: DC535A)
C43, C45, C22, R51, C25, C26 AND C39 ARE OPTIONAL
5506 F04
T2, 1:4, TR-R
JTX-4-10T
MINI-CIRCUITS
C43
22nF


Similar Part No. - LT5506_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5506EUF LINER-LT5506EUF Datasheet
321Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
More results

Similar Description - LT5506_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5506 LINER-LT5506 Datasheet
321Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
LT5517 LINER-LT5517 Datasheet
208Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
LT5517 LINER-LT5517_15 Datasheet
220Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
LT5546 LINER-LT5546 Datasheet
312Kb / 12P
   40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
LT5546 LINER-LT5546_15 Datasheet
290Kb / 12P
   40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
logo
IC MICROSYSTEMS
ICQ2716 ICMIC-ICQ2716 Datasheet
421Kb / 6P
   200 - 600 MHz QUADRATURE DEMODULATOR WITH VGA
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com