Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5506 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5506
Description  40MHz to 500MHz Quadrature Demodulator with VGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5506 Datasheet(HTML) 5 Page - Linear Technology

  LT5506_15 Datasheet HTML 1Page - Linear Technology LT5506_15 Datasheet HTML 2Page - Linear Technology LT5506_15 Datasheet HTML 3Page - Linear Technology LT5506_15 Datasheet HTML 4Page - Linear Technology LT5506_15 Datasheet HTML 5Page - Linear Technology LT5506_15 Datasheet HTML 6Page - Linear Technology LT5506_15 Datasheet HTML 7Page - Linear Technology LT5506_15 Datasheet HTML 8Page - Linear Technology LT5506_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT5506
5
5506fa
Total Harmonic Distortion
vs IF Input Power at 3V Supply
and 800mVP-P Differential Out
Total Harmonic Distortion
vs IF Input Power and IF
Frequency
Total Harmonic Distortion
vs IF Input Power at 1.8V Supply
and 800mVP-P Differential Out
IF INPUT POWER EACH TONE (dBm)
–60
–30
5506 G07
–50
–40
–20
–30
–35
–40
–45
–50
–55
–60
–65
–40
°C
25
°C
85
°C
fIF,1 = 280MHz
fIF,2 = 280.1MHz
f2xLO = 570MHz
IF INPUT POWER EACH TONE (dBm)
–60
–30
5506 G08
–50
–40
–20
–30
–35
–40
–45
–50
–55
–60
fIF = 280MHz
fIF = 40MHz
800mVP-P DIFFERENTIAL OUT
3V SUPPLY
fIF = 550MHz
IF INPUT POWER EACH TONE (dBm)
–60
–30
5506 G09
–50
–40
–20
–30
–35
–40
–45
–50
–55
–60
fIF,1 = 280MHz
fIF,2 = 280.1MHz
f2xLO = 570MHz
25
°C
–40
°C
85
°C
Total Harmonic Distortion vs IF
Input Power and Supply Voltage
IF INPUT POWER EACH TONE (dBm)
–60
–30
5506 G10
–50
–40
–20
–30
–35
–40
–45
–50
–55
–60
3V
1.8V
5.25V
800mVP-P DIFFERENTIAL OUT
fIF,1 = 280MHz
fIF,2 = 280.1MHz
f2xLO = 570MHz
LPF Frequency Response
vs Baseband Frequency
and Temperature
LPF Frequency Response
vs Baseband Frequency and
Supply Voltage
Total Harmonic Distortion
vs IF Input Power at 500mVP-P
Differential Out
IF INPUT POWER EACH TONE (dBm)
–45
–70
–65
–60
–55
–50
–45
–40
–40
–35
–30
–40
°C
25
°C
85
°C
–25
5506 G11
–20
fIF,1 = 280MHz
fIF,2 = 280.1MHz
f2xLO = 570MHz
BASEBAND FREQUENCY (MHz)
0
–25
–20
–15
–10
–5
0
5
10
25
°C
85
°C
–40
°C
15
20
5505 G12
25
VCC = 3V
BASEBAND FREQUENCY (MHz)
0
–25
–20
–15
–10
–5
0
5
10
3V
1.8V
5.25V
15
20
5505 G13
25
IF INPUT CW POWER (dBm)
–40
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–30
85
°C
–40
°C
–20
–10
0
5506 G14
10
25
°C
fIF = 280MHz
IF INPUT CW POWER (dBm)
–40
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–30
85
°C
–40
°C
–20
–10
0
5506 G15
10
25
°C
fIF = 280MHz
IF Detector Output Voltage vs
IF Input CW Power at 3V Supply
IF Detector Output Voltage vs
IF Input CW Power at 1.8V Supply
TYPICAL PERFOR A CE CHARACTERISTICS VCC = 3V. f2×LO = 570MHz, P2×LO = –5dBm
(Note 5), fIF = 284MHz, PIF = –30dBm, I and Q outputs 800mVP-P into 4kΩ differential load, TA = 25°C, EN = VCC, STBY = VCC,
unless otherwise noted. (Note 3)


Similar Part No. - LT5506_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5506EUF LINER-LT5506EUF Datasheet
321Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
More results

Similar Description - LT5506_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5506 LINER-LT5506 Datasheet
321Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
LT5517 LINER-LT5517 Datasheet
208Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
LT5517 LINER-LT5517_15 Datasheet
220Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
LT5546 LINER-LT5546 Datasheet
312Kb / 12P
   40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
LT5546 LINER-LT5546_15 Datasheet
290Kb / 12P
   40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
logo
IC MICROSYSTEMS
ICQ2716 ICMIC-ICQ2716 Datasheet
421Kb / 6P
   200 - 600 MHz QUADRATURE DEMODULATOR WITH VGA
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com