Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5521 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5521_15 Datasheet HTML 5Page - Linear Technology LT5521_15 Datasheet HTML 6Page - Linear Technology LT5521_15 Datasheet HTML 7Page - Linear Technology LT5521_15 Datasheet HTML 8Page - Linear Technology LT5521_15 Datasheet HTML 9Page - Linear Technology LT5521_15 Datasheet HTML 10Page - Linear Technology LT5521_15 Datasheet HTML 11Page - Linear Technology LT5521_15 Datasheet HTML 12Page - Linear Technology LT5521_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT5521
5521f
TEST CIRCUITS
Figure 1. Demonstration Board Schematic
EN
EN
VCC
VCC
VCC
GND
L0
LT5521
EXPOSED
PAD (17)
GND GND
OUT+
GND
GND
OUT
GND
IN+
C13
Z14
IFIN
50
LOIN
50
C6
IN
GND
12
16
15
14
13
L1
L2
VCC
C11
5521 F01
C4
C3
RFOUT
50
C12
T2
11
10
9
1
2
3
4
5
R8
R1
Z3
C2
T1
R7
Z7
OPT
Z1
OPT
67
8
C1
RF
GND
GND
DC
εr = 4.4
0.017"
0.017"
0.062"
REF
R1, R7
Z14
Z3
L1, L2
T1
T2
C1, C13
C3
C12
C2, C4, C6
C11
Z1, Z7
R8
fIF = 250MHz, fRF = 1.95GHz
fLO = 1.7GHz, VCC = 5V
110
Ω, 1%
10pF
0
2.7nH
M/A-COM MABACT00103
M/A-COM ETC1.6-4-2-3
6.8pF
82pF
82pF
1nF
1
µF
0
10k
fIF = 44MHz, fRF = 1.045GHz
fLO = 1.001GHz, VCC = 5V
110
Ω, 1%
120nH
150pF
10nH
M/A-COM MABACT00103
M/A-COM ETC1.6-4-2-3
27pF
3.9pF
1nF
1nF
1
µF
0
10k
fIF = 250MHz, fRF = 1.95GHz
fLO = 1.7GHz, VCC = 3.3V
22.6
Ω, 1%
10pF
0
2.7nH
M/A-COM MABACT00103
M/A-COM ETC1.6-4-2-3
6.8pF
82pF
82pF
1nF
1
µF
100nH
10k
Note 1: Tabulated values are used for characterization measurements.
Note 2: Components shown on the schematic are included for consistency with the demo board.
If no value is shown for the component, the site is unpopulated.
Note 3: T1 also M/A-COM ETC1-1-13 and Sprague Goodman GLSW4M202. These alternative transformers
have been measured and have similar performance.
THIS COMPONENT CAN BE REPLACED BY PCB TRACE ON FINAL APPLICATION
Table 1. Demonstration Board Bill of Materials1, 2
BLOCK DIAGRA
12
15
16
13
14
6
5
8
7
11
10
9
1
2
3
4
OUT+
OUT
GND
5521 BD
BIAS
EN
VCC
VCC
VCC
GND
GND
17
EXPOSED
PAD
GND
GND
LO
GND
GND
IN+
IN


Similar Part No. - LT5521_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5521EUF LINER-LT5521EUF Datasheet
269Kb / 16P
   Very High Linearity Active Mixer
More results

Similar Description - LT5521_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5521 LINER-LT5521 Datasheet
269Kb / 16P
   Very High Linearity Active Mixer
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
   1800 - 2100 MHz High Linearity Active Transmit Mixer
logo
List of Unclassifed Man...
STM-3116 ETC1-STM-3116 Datasheet
187Kb / 6P
   2100 - 2500 MHz High Linearity Active Transmit Mixer
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
Linear Technology
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5510 LINER-LTC5510 Datasheet
617Kb / 30P
   1MHz to 6GHz Wideband High Linearity Active Mixer
logo
List of Unclassifed Man...
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
logo
Linear Technology
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5510 LINER-LTC5510_15 Datasheet
617Kb / 30P
   1MHz to 6GHz Wideband High Linearity Active Mixer
logo
SIRENZA MICRODEVICES
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com