Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5526 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5526
Description  High Linearity, Low Power Downconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5526 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5526_15 Datasheet HTML 2Page - Linear Technology LT5526_15 Datasheet HTML 3Page - Linear Technology LT5526_15 Datasheet HTML 4Page - Linear Technology LT5526_15 Datasheet HTML 5Page - Linear Technology LT5526_15 Datasheet HTML 6Page - Linear Technology LT5526_15 Datasheet HTML 7Page - Linear Technology LT5526_15 Datasheet HTML 8Page - Linear Technology LT5526_15 Datasheet HTML 9Page - Linear Technology LT5526_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT5526
5526f
TYPICAL AC PERFOR A CE CHARACTERISTICS 350MHz Application. VCC = 5V, EN = 3V,
TA = 25°C, PRF = –15dB (–15dBm/tone for 2-tone IIP3 tests, ∆f = 1MHz), fLO = fRF + 70MHz, PLO = –5dBm, IF output measured at
70MHz, unless otherwise noted. Test circuit shown in Figure 2.
Conversion Gain and IIP3
vs RF Frequency
Conversion Gain and IIP3
vs LO Input Power
SSB Noise Figure
vs RF Frequency
SSB Noise Figure
vs LO Input Power
IFOUT, 2 × 2 and 3 × 3 Spurs
vs RF Input Power
LO-IF and LO-RF Leakage
vs LO Frequency
TYPICAL DC PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Shutdown Current vs Supply Voltage
Test circuit shown in Figure 1.
RF FREQUENCY (MHz)
200
–2
2
6
10
14
250
300
350
400
5526 G18
450
500
18
0
4
8
12
16
20
IIP3
GAIN
fLO = fRF + fIF
fIF = 70MHz
25°C
85°C
–40°C
RF FREQUENCY (MHz)
300
13
14
15
360
400
5526 G19
12
11
10
320
340
380
16
17
18
fLO = fRF + fIF
fIF = 70MHz
25°C
85°C
–40°C
RF INPUT POWER (dBm)
–20
–40
–20
20
–5
5526 G20
–60
–80
–15
–10
0
–100
–120
0
IF OUT
fRF = 350MHz
TA = 25°C
fLO = 420MHz
fIF = 70MHz
2RF-2LO
fRF = 385MHz
3RF-3LO
fRF = 396.67MHz
LO INPUT POWER (dBm)
–12
4
16
18
20
–8
–4
–2
5526 G21
0
12
8
2
14
IIP3
GAIN
–2
10
6
–10
–6
0
2
fLO = 420MHz
fIF = 70MHz
25°C
85°C
–40°C
LO INPUT POWER (dBm)
–12
10
11
13
14
15
20
17
–8
–4
–2
5526 G22
12
18
19
16
–10
–6
0
2
fLO = 420MHz
fIF = 70MHz
25°C
85°C
–40°C
LO FREQUENCY (MHz)
150
–100
–90
–70
–60
–50
0
–30
250
350 400
5526 G23
–80
–20
–10
–40
200
300
450 500 550
TA = 25°C
fIF = 70MHz
LO-IF
LO-RF
SUPPLY VOLTAGE (V)
2.8
14
16
20
22
24
4.4
32
5526 G24
18
3.6
3.2
4.8
5.2
4.0
5.6
26
28
30
25°C
85°C
–40°C
SUPPLY VOLTAGE (V)
2.8
8
10
14
4.0
4.8
5526 G25
6
4
3.2
3.6
4.4
5.2
5.6
2
0
12
25°C
85°C
–40°C


Similar Part No. - LT5526_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5526EUF LINER-LT5526EUF Datasheet
224Kb / 16P
   High Linearity, Low Power Downconverting Mixer
More results

Similar Description - LT5526_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5526 LINER-LT5526 Datasheet
224Kb / 16P
   High Linearity, Low Power Downconverting Mixer
LT5525 LINER-LT5525 Datasheet
195Kb / 12P
   High Linearity, Low Power Downconverting Mixer
LT5525 LINER-LT5525_15 Datasheet
201Kb / 12P
   High Linearity, Low Power Downconverting Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
Linear Technology
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com