Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6012 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6012
Description  Rail-to-Rail Output Precision Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6012 Datasheet(HTML) 3 Page - Linear Technology

  LT6012_15 Datasheet HTML 1Page - Linear Technology LT6012_15 Datasheet HTML 2Page - Linear Technology LT6012_15 Datasheet HTML 3Page - Linear Technology LT6012_15 Datasheet HTML 4Page - Linear Technology LT6012_15 Datasheet HTML 5Page - Linear Technology LT6012_15 Datasheet HTML 6Page - Linear Technology LT6012_15 Datasheet HTML 7Page - Linear Technology LT6012_15 Datasheet HTML 8Page - Linear Technology LT6012_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT6011/LT6012
3
60112fc
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6011CDD#PBF
LT6011CDD#TRPBF
LACD
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LT6011IDD#PBF
LT6011IDD#TRPBF
LACD
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LT6011ACDD#PBF
LT6011ACDD#TRPBF
LACD
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LT6011AIDD#PBF
LT6011AIDD#TRPBF
LACD
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LT6011CS8#PBF
LT6011CS8#TRPBF
6011
8-Lead Plastic SO
0°C to 70°C
LT6011IS8#PBF
LT6011IS8#TRPBF
6011I
8-Lead Plastic SO
–40°C to 85°C
LT6011ACS8#PBF
LT6011ACS8#TRPBF
6011A
8-Lead Plastic SO
0°C to 70°C
LT6011AIS8#PBF
LT6011AIS8#TRPBF
6011AI
8-Lead Plastic SO
–40°C to 85°C
LT6011CMS8#PBF
LT6011CMS8#TRPBF
LTCGC
8-Lead Plastic MSOP
0°C to 70°C
LT6011IMS8#PBF
LT6011IMS8#TRPBF
LTCGC
8-Lead Plastic MSOP
–40°C to 85°C
LT6012CS#PBF
LT6012CS#TRPBF
LT6012CS
14-Lead Plastic SO
0°C to 70°C
LT6012IS#PBF
LT6012IS#TRPBF
LT6012IS
14-Lead Plastic SO
–40°C to 85°C
LT6012ACS#PBF
LT6012ACS#TRPBF
LT6012ACS
14-Lead Plastic SO
0°C to 70°C
LT6012AIS#PBF
LT6012AIS#TRPBF
LT6012AIS
14-Lead Plastic SO
–40°C to 85°C
LT6012CGN#PBF
LT6012CGN#TRPBF
6012
16-Lead Plastic SSOP
0°C to 70°C
LT6012IGN#PBF
LT6012IGN#TRPBF
6012I
16-Lead Plastic SSOP
–40°C to 85°C
LT6012ACGN#PBF
LT6012ACGN#TRPBF
6012A
16-Lead Plastic SSOP
0°C to 70°C
LT6012AIGN#PBF
LT6012AIGN#TRPBF
6012AI
16-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LT6012_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6012ACGN LINER-LT6012ACGN Datasheet
265Kb / 16P
   Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
LT6012ACS LINER-LT6012ACS Datasheet
265Kb / 16P
   Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
LT6012AIGN LINER-LT6012AIGN Datasheet
265Kb / 16P
   Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
LT6012AIS LINER-LT6012AIS Datasheet
265Kb / 16P
   Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
LT6012CGN LINER-LT6012CGN Datasheet
265Kb / 16P
   Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
More results

Similar Description - LT6012_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com