Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63801-7600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63801-7600
Description  FineAdjust Applicator for 2.3mm (.090) Slip-On Receptacle Terminal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63801-7600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63801-7600 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/31/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63902-7300
Status:
Active
Description:
FineAdjust™ Applicator for 2.3mm (.090") Slip-On Receptacle Terminal
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
887191323466
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639027300, TM-638004900, TM-638004900CN,
TM-638004900SP, TM-640160065, TM-640160065CN,
TM-640160065DE, TM-640160065FR,
TM-640160065IT, TM-640160065JP,
TM-640160065KR, TM-640160065MY,
TM-640160065PL, TM-640160065RU,
TM-640160065SK, TM-640160065SP,
TM-640160065TH, TM-640160065TW,
TM-640160065VN
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 03/31/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63801-7600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63801-7600 MOLEX11-63801-7600 Datasheet
82Kb / 1P
   Mini-Mac Applicator Rear Feed
63801-7600 MOLEX11-63801-7600 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63801-7600 MOLEX11-63801-7600 Datasheet
64Kb / 1P
   Mini-Mac Applicator
63801-7600 MOLEX11-63801-7600 Datasheet
50Kb / 1P
   FineAdjust Applicator for ISO (M3) Blade Terminals
63801-7600 MOLEX11-63801-7600 Datasheet
49Kb / 1P
   FineAdjust Applicator for CTX64 Mat Seal Receptacle Terminals, for Wire Process Use Only
More results

Similar Description - 63801-7600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639027400 MOLEX-0639027400 Datasheet
32Kb / 1P
   FineAdjust Applicator for 2.3mm (.090) Slip-On Receptacle Terminal
08/26/2022
63902-7400 MOLEX11-63902-7400 Datasheet
49Kb / 1P
   FineAdjust Applicator for 2.3mm (.090) Slip-On Receptacle Terminal
0639027300 MOLEX-0639027300 Datasheet
32Kb / 1P
   FineAdjust Applicator for 2.3mm (.090) Slip-On Receptacle Terminal
08/26/2022
ATS-639027400 MOLEX-ATS-639027400 Datasheet
285Kb / 5P
   Fine Adjust Applicator for 2.3mm (.090) Slip-On Receptacle Terminal
07-19-13
ATS-639011800 MOLEX-ATS-639011800 Datasheet
275Kb / 5P
   Fine Adjust Applicator for 2.3mm (.090) Slip-On Receptacle Terminal
12-02-08
63902-7400 MOLEX-63902-7400 Datasheet
285Kb / 5P
   Fine Adjust Applicator for 2.3mm (.090") Slip-On Receptacle Terminal
07-19-13
ATS-639027300 MOLEX-ATS-639027300 Datasheet
285Kb / 5P
   Fine Adjust Applicator for 2.3mm (.090) Slip-On Receptacle Terminal
04-02-13
0639011800 MOLEX11-0639011800 Datasheet
42Kb / 1P
   FineAdjust for 2.30mm Slip-On Receptacle Terminal
0639021600 MOLEX-0639021600 Datasheet
43Kb / 1P
   FineAdjust Applicator for Slip-on Female Crimp Terminals
12/21/2021
63825-9500 MOLEX-63825-9500 Datasheet
321Kb / 6P
   Hand Crimp Tool .090 (23mm) Slip-on Receptacle Terminal
06-25-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com