Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1MB Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # S1MB
Description  1.0AMP Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1MB Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  S1MB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1MB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1MB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1MB Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions
Min
Max
Min
Max
A
1.95
2.10
0.077
0.083
B
3.48
3.73
0.137
0.147
C
4.25
4.75
0.167
0.187
D
1.99
2.61
0.078
0.103
E
0.90
1.41
0.035
0.056
F
5.10
5.30
0.201
0.209
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
I
0.15
0.31
0.006
0.012
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
Unit(inch)
Marking Diagram
DIM.
Unit(mm)


Similar Part No. - S1MB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S1MB SSE-S1MB Datasheet
18Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Luguang Electr...
S1MB LUGUANG-S1MB Datasheet
246Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
logo
Diodes Incorporated
S1MB DIODES-S1MB Datasheet
54Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
S1MB DIODES-S1MB Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Weitron Technology
S1MB WEITRON-S1MB Datasheet
116Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
More results

Similar Description - S1MB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1A TSC-S1A_11 Datasheet
196Kb / 2P
   1.0AMP Surface Mount Rectifiers
S1GM TSC-S1GM Datasheet
312Kb / 4P
   1.0AMP Surface Mount Rectifiers
logo
Hi-Sincerity Mocroelect...
HSK400X HSMC-HSK400X Datasheet
147Kb / 3P
   1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Chongqing Pingwei Enter...
S1A CHONGQING-S1A_16 Datasheet
198Kb / 1P
   1.0AMP. SURFACE MOUNT RECTIFIERS
M1 CHONGQING-M1_16 Datasheet
199Kb / 1P
   1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Hi-Sincerity Mocroelect...
HSMA400X HSMC-HSMA400X Datasheet
40Kb / 3P
   1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1AB TSC-S1AB_11 Datasheet
181Kb / 2P
   1.0AMP Surface Mount Rectifiers
S1AL TSC-S1AL_11 Datasheet
190Kb / 2P
   1.0AMP Surface Mount Rectifiers
logo
DIYI Electronic Technol...
ER1A DYELEC-ER1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT SUPERFAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
   1.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com