Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD753016GC Datasheet(PDF) 9 Page - NEC

Part # UPD753016GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753016GC Datasheet(HTML) 9 Page - NEC

Back Button UPD753016GC Datasheet HTML 5Page - NEC UPD753016GC Datasheet HTML 6Page - NEC UPD753016GC Datasheet HTML 7Page - NEC UPD753016GC Datasheet HTML 8Page - NEC UPD753016GC Datasheet HTML 9Page - NEC UPD753016GC Datasheet HTML 10Page - NEC UPD753016GC Datasheet HTML 11Page - NEC UPD753016GC Datasheet HTML 12Page - NEC UPD753016GC Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
9
µPD753012, 753016, 753017
3.1 Port Pins (2/2)
Pin Name
Input/Output
Dual
Function
8-bit
At Reset
I/O Circuit
Function Pin
I/O
TYPE Note 1
P60
Input/Output
KR0
Input
F -A
P61
KR1
P62
KR2
P63
KR3
P70
Input/Output
KR4
Input
F -A
P71
KR5
P72
KR6
P73
KR7
BP0
Output
S24
×
Note 2
H-A
BP1
S25
BP2
S26
BP3
S27
BP4
Output
S28
BP5
S29
BP6
S30
BP7
S31
Notes 1.
Circled characters indicate the Schmitt-trigger input.
2.
For BP0 to BP7, VLC1 is selected as an input source.
The output levels differ depending on BP0 to BP7 and the external circuit of the VLC1.
Example BP0 to BP7 are connected each other internally in the
µPD753017 as shown below. Therefore, the
output levels of BP0 to BP7 are determined by the levels of R1, R2, and R3
Programmable 4-bit input/output port
(PORT6).
This port can be specified for input/output
bit-wise.
On-chip pull-up resistors can be specified
in software in 4-bit units.
4-bit input/output port (PORT7).
On-chip pull-up resistors can be specified
in software in 4-bit units.
1-bit output port (BIT PORT)
Also used for segment output pins.
VLC1
R1
BP1
R3
BP0
R2
VDD
ON
ON
PD753017
µ


Similar Part No. - UPD753016GC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753016GC-XXX-3B9 RENESAS-UPD753016GC-XXX-3B9 Datasheet
583Kb / 82P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD753016GC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com