Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1164A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1164A
Description  SAW Filter 921.5 MHz 7MHz BW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1164A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1164A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1164A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1164A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1164A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1164A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1164A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1164A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1164A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
(Please refer to FR-75D10 for packing quantity)
2.TAPE DIMENSION


Similar Part No. - TA1164A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1164A GOLLEDGE-TA1164A Datasheet
212Kb / 6P
   SAW Filter 921.50MHz
More results

Similar Description - TA1164A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856905 TRIQUINT-856905_15 Datasheet
445Kb / 5P
   921.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1306A TAI-SAW-TA1306A Datasheet
387Kb / 8P
   SAW Filter 921.5 MHz
logo
Murata Manufacturing Co...
SF2259H MURATA-SF2259H Datasheet
473Kb / 5P
   921.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2259H RFM-SF2259H Datasheet
473Kb / 5P
   921.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0787A TAI-SAW-TB0787A Datasheet
369Kb / 7P
   IF SAW Filter 333.04MHz(BW=7MHz) SMD 5X7mm
TB0786A TAI-SAW-TB0786A Datasheet
378Kb / 7P
   IF SAW Filter 279.88MHz(BW=7MHz) SMD 5X7mm
TB0185A TAI-SAW-TB0185A Datasheet
413Kb / 7P
   IF SAW Filter 70MHz(BW=7MHz) SMD 13.3X6.5mm
TB0193A TAI-SAW-TB0193A Datasheet
422Kb / 5P
   Low Loss 70MHz SAW IF Filter (BW=7MHz)
logo
RF Monolithics, Inc
SF2145B RFM-SF2145B Datasheet
252Kb / 5P
   SAW Filter, 895 MHz, 15 MHz BW
logo
TAI-SAW TECHNOLOGY CO.,...
TB1277A TAI-SAW-TB1277A Datasheet
363Kb / 7P
   SAW Filter 243.875 MHz 0.13MHz BW
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com