Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6235 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6235
Description  60MHz, Rail-to-Rail Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6235 Datasheet(HTML) 4 Page - Linear Technology

  LT6235_15 Datasheet HTML 1Page - Linear Technology LT6235_15 Datasheet HTML 2Page - Linear Technology LT6235_15 Datasheet HTML 3Page - Linear Technology LT6235_15 Datasheet HTML 4Page - Linear Technology LT6235_15 Datasheet HTML 5Page - Linear Technology LT6235_15 Datasheet HTML 6Page - Linear Technology LT6235_15 Datasheet HTML 7Page - Linear Technology LT6235_15 Datasheet HTML 8Page - Linear Technology LT6235_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT6233/LT6233-10
LT6234/LT6235
4
623345fc
elecTrical characTerisTics T
A = 25°C, VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply,
ENABLE = 0V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V
90
115
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = 3V to 10V
84
115
dB
Minimum Supply Voltage (Note 7)
3
V
VOL
Output Voltage Swing Low (Note 8)
No Load
ISINK = 5mA
VS = 5V, ISINK = 15mA
VS = 3.3V, ISINK = 10mA
4
75
165
125
40
180
320
240
mV
mV
mV
mV
VOH
Output Voltage Swing High (Note 8)
No Load
ISOURCE = 5mA
VS = 5V, ISOURCE = 15mA
VS = 3.3V, ISOURCE = 10mA
5
85
220
165
50
195
410
310
mV
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3.3V
±40
±35
±55
±50
mA
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
ENABLE = V+ – 0.35V
1.05
0.2
1.2
10
mA
µA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
–25
–75
µA
VL
ENABLE Pin Input Voltage Low
0.3
V
VH
ENABLE Pin Input Voltage High
V+ – 0.35
V
Output Leakage Current
ENABLE = V+ – 0.35V, VO = 1.5V to 3.5V
0.2
10
µA
tON
Turn-On Time
ENABLE = 5V to 0V, RL = 1k, VS = 5V
500
ns
tOFF
Turn-Off Time
ENABLE = 0V to 5V, RL = 1k, VS = 5V
76
µs
GBW
Gain-Bandwidth Product
Frequency = 1MHz, VS = 5V
LT6233-10
55
320
MHz
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 1.5V to 3.5V
10
15
V/µs
LT6233-10, VS = 5V, AV = –10, RL = 1k,
VO = 1.5V to 3.5V
80
V/µs
FPBW
Full-Power Bandwidth
VS = 5V, VOUT = 3VP-P (Note 9)
1.06
1.6
MHz
LT6233-10, HD2 = HD3 ≤ 1%
2.2
MHz
tS
Settling Time (LT6233, LT6234, LT6235)
0.1%, VS = 5V, VSTEP = 2V, AV = –1, RL = 1k
175
ns


Similar Part No. - LT6235_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6235CGN LINER-LT6235CGN Datasheet
727Kb / 24P
   60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
LT6235IGN LINER-LT6235IGN Datasheet
727Kb / 24P
   60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
More results

Similar Description - LT6235_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
LT6233 LINER-LT6233_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5611 INTERSIL-EL5611 Datasheet
251Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111T RENESAS-EL5111T Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com