Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF15S Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SF15S
Description  Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF15S Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SF15S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF15S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF15S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF15S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.00
2.70
0.079
0.106
B
0.53
0.64
0.021
0.025
C
25.40
-
1.000
-
D
4.20
5.20
0.165
0.205
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D1401001
Version: F14
MARKING DIAGRAM
SF11S thru SF18S
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0
20
40
60
80
100
120
140
0.1
1
10
100
REVERSE VOLTAGE. (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
SF15S~SF18S
SF11S~SF14S
f=1.0MHz
Vslg=50mVp-p


Similar Part No. - SF15S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF15S TSC-SF15S Datasheet
64Kb / 2P
   1.0 AMP. Super Fast Rectifiers
SF15S TSC-SF15S Datasheet
258Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF15S TMT-SF15S Datasheet
44Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF15S TSC-SF15S Datasheet
567Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Yangzhou yangjie electr...
SF15S YANGJIE-SF15S Datasheet
135Kb / 2P
   Super Fast Rectifier
More results

Similar Description - SF15S

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com