Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD753204 Datasheet(PDF) 8 Page - NEC

Part # UPD753204
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753204 Datasheet(HTML) 8 Page - NEC

Back Button UPD753204 Datasheet HTML 4Page - NEC UPD753204 Datasheet HTML 5Page - NEC UPD753204 Datasheet HTML 6Page - NEC UPD753204 Datasheet HTML 7Page - NEC UPD753204 Datasheet HTML 8Page - NEC UPD753204 Datasheet HTML 9Page - NEC UPD753204 Datasheet HTML 10Page - NEC UPD753204 Datasheet HTML 11Page - NEC UPD753204 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
8
µPD753204, 753206, 753208
3.1 Port Pins (2/2)
Pin Name
Input/Output
Alternate
Function
8-bit
After Reset
I/O Circuit
Function
I/O
TYPE Note 1
P60
Input/Output
KR0
No
Input
(F)-A
P61
KR1
P62
KR2
P63
KR3
P80
Input/Output
S23
Yes
Input
H
P81
S22
P82
S21
P83
S20
P90
Input/Output
S19
Input
H
P91
S18
P92
S17
P93
S16
Notes 1. Characters in parentheses indicate the Schmitt-trigger input.
2. Do not connect on-chip pull-up resistors specified by software when using as segment signal output
pins.
Programmable 4-bit input/output port (PORT6).
This port can be specified for input/output bit-
wise.
On-chip pull-up resistors can be specified by
software in 4-bit units.
4-bit input/output port (PORT8).
On-chip pull-up resistors can be specified by
software in 4-bit units. Note 2
4-bit input/output port (PORT9).
On-chip pull-up resistors can be specified by
software in 4-bit units. Note 2


Similar Part No. - UPD753204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753204 RENESAS-UPD753204 Datasheet
599Kb / 83P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD753204

ManufacturerPart #DatasheetDescription
logo
NEC
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
   4-bit Single-chip Microcontrollers
UPD754202 NEC-UPD754202 Datasheet
302Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754144 NEC-UPD754144 Datasheet
416Kb / 88P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com